Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B40K130 Datasheet(PDF) 1 Page - EPCOS

Part # B40K130
Description  Block Varistors HighE Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B40K130 Datasheet(HTML) 1 Page - EPCOS

  B40K130 Datasheet HTML 1Page - EPCOS B40K130 Datasheet HTML 2Page - EPCOS B40K130 Datasheet HTML 3Page - EPCOS B40K130 Datasheet HTML 4Page - EPCOS B40K130 Datasheet HTML 5Page - EPCOS B40K130 Datasheet HTML 6Page - EPCOS B40K130 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
221 04/02
Construction
I Disk-shaped varistor element,
potted in plastic housing
I Housing and potting flame-retardant to UL 94 V-0
I Screw terminals M4 (SIOV-B32 … 40)
Screw terminals M5 (SIOV-B60 … 80)
Features
I Heavy-duty varistors (surge current capability up to 100 kA)
I Wide product range
I SIOV-B40 also available without housing (LS40 series)
I PSpice models
Approvals
I UL
I CSA (
³ K130)
I SEV (except SIOV-B80)
Type designation
Detailed description of coding system on page 39, chapter “General Technical Information”
General technical data
Climatic category
LCT
UCT
Damp heat, steady state
(93 % r.h., 40
°C)
40/85/56
– 40
°C
+ 85
°C
56 days
in accordance with IEC 60068-1
in accordance with IEC 60068-2-3
Operating temperature
– 40 … + 85
°C
in accordance with CECC 42 000
Storage temperature
– 40 … + 110
°C
Electric strength
³ 2,5 kVRMS
in accordance with CECC 42 000
Insulation resistance
³ 10 MW
in accordance with CECC 42 000
Response time
< 25 ns
Max. torque
B32/B40
B60/B80
1,0 Nm
2,5 Nm
SIOV-B 40 K 275
Design
Rated diameter of varistor disk
Max. AC operating voltage
Tolerance of varistor voltage
EPCOS metal oxide varistor
Block Varistors
HighE Series


Similar Part No. - B40K130

ManufacturerPart #DatasheetDescription
logo
Coto Technology
B40 COTO-B40 Datasheet
96Kb / 2P
   4-Channel RF Relays
logo
RHOPOINT COMPONENTS
B40 RHOPOINT-B40 Datasheet
130Kb / 2P
   4-Channel RF Relays
logo
Micrel Semiconductor
B40 MICREL-B40 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
logo
Coto Technology
B40-0002 COTO-B40-0002 Datasheet
96Kb / 2P
   4-Channel RF Relays
B40-0003 COTO-B40-0003 Datasheet
96Kb / 2P
   4-Channel RF Relays
More results

Similar Description - B40K130

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72240L0131K100 EPCOS-B72240L0131K100 Datasheet
82Kb / 5P
   Strap Varistors HighE Series
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72210S171K101 EPCOS-B72210S171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S2321K151 EPCOS-B72214S2321K151 Datasheet
725Kb / 34P
   SIOV metal oxide varistors Leaded varistors, AdvanceD series
B72214S551K101 EPCOS-B72214S551K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S1140K552 EPCOS-B72214S1140K552 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
SIOV-S14K130G5S5 EPCOS-SIOV-S14K130G5S5 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
ETFV25 EPCOS-ETFV25 Datasheet
275Kb / 10P
   SIOV metal oxide varistors Housed (ThermoFuse) varistors, AdvanceD series
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com