Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B40K150 Datasheet(PDF) 6 Page - EPCOS

Part # B40K150
Description  Block Varistors HighE Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B40K150 Datasheet(HTML) 6 Page - EPCOS

  B40K150 Datasheet HTML 1Page - EPCOS B40K150 Datasheet HTML 2Page - EPCOS B40K150 Datasheet HTML 3Page - EPCOS B40K150 Datasheet HTML 4Page - EPCOS B40K150 Datasheet HTML 5Page - EPCOS B40K150 Datasheet HTML 6Page - EPCOS B40K150 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
226 04/02
Dimensions
SIOV-B32/-B40
SIOV-B60
SIOV-B80
Weight
Size
approx.
B32
45 g
B40
50 g
B60
250 g
B80
650 g
Dimensions in mm
VAR0298-B
50 1
96±1
M5
ø7±0,2
115±0,8
135±1
1,0
1,5
27±0,5
27,7±0,5
_
+0,2
7 0,5
_
HighE Series
Block Varistors


Similar Part No. - B40K150

ManufacturerPart #DatasheetDescription
logo
Coto Technology
B40 COTO-B40 Datasheet
96Kb / 2P
   4-Channel RF Relays
logo
RHOPOINT COMPONENTS
B40 RHOPOINT-B40 Datasheet
130Kb / 2P
   4-Channel RF Relays
logo
Micrel Semiconductor
B40 MICREL-B40 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
logo
Coto Technology
B40-0002 COTO-B40-0002 Datasheet
96Kb / 2P
   4-Channel RF Relays
B40-0003 COTO-B40-0003 Datasheet
96Kb / 2P
   4-Channel RF Relays
More results

Similar Description - B40K150

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72240L0131K100 EPCOS-B72240L0131K100 Datasheet
82Kb / 5P
   Strap Varistors HighE Series
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72210S171K101 EPCOS-B72210S171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S2321K151 EPCOS-B72214S2321K151 Datasheet
725Kb / 34P
   SIOV metal oxide varistors Leaded varistors, AdvanceD series
B72214S551K101 EPCOS-B72214S551K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S1140K552 EPCOS-B72214S1140K552 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
SIOV-S14K130G5S5 EPCOS-SIOV-S14K130G5S5 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
ETFV25 EPCOS-ETFV25 Datasheet
275Kb / 10P
   SIOV metal oxide varistors Housed (ThermoFuse) varistors, AdvanceD series
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com