Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS40K150QPK2 Datasheet(PDF) 4 Page - EPCOS

Part # LS40K150QPK2
Description  Strap Varistors HighE Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

LS40K150QPK2 Datasheet(HTML) 4 Page - EPCOS

  LS40K150QPK2 Datasheet HTML 1Page - EPCOS LS40K150QPK2 Datasheet HTML 2Page - EPCOS LS40K150QPK2 Datasheet HTML 3Page - EPCOS LS40K150QPK2 Datasheet HTML 4Page - EPCOS LS40K150QPK2 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
230 04/02
Strap Varistors
HighE Series
SIOV-LS40K … QP
Weight: 20 … 50 g
SIOV-LS40K … QPK2
Weight: 20 … 50 g
Dimensions
Type
SIOV-
Tmax
mm
L
± 1,0
mm
LS40K130QP
8,1
– 3,5
LS40K140QP
8,2
– 3,3
LS40K150QP
8,3
– 3,2
LS40K230QP
9,0
– 2,0
LS40K250QP
9,2
– 1,8
LS40K275QP
9,4
– 1,6
LS40K320QP
9,9
– 1,1
LS40K385QP
10,6
– 0,4
LS40K420QP
10,9
0,0
LS40K440QP
11,1
0,2
LS40K460QP
11,4
0,4
LS40K550QP
12,3
1,2
LS40K680QP
13,5
2,4
LS40K750QP
14,1
3,0
VAR0234-F
T
37,5 max.
7
3,5
25,4±0,5
Type
SIOV-
Tmax
mm
L
± 1,0
mm
LS40K130QPK2
8,1
4,4
LS40K140QPK2
8,2
4,5
LS40K150QPK2
8,3
4,6
LS40K230QPK2
9,0
5,4
LS40K250QPK2
9,2
5,6
LS40K275QPK2
9,4
5,8
LS40K320QPK2
9,9
6,3
LS40K385QPK2
10,6
6,9
LS40K420QPK2
10,9
7,3
LS40K440QPK2
11,1
7,6
LS40K460QPK2
11,4
7,8
LS40K550QPK2
12,3
8,8
LS40K680QPK2
13,5
9,9
LS40K750QPK2
14,1
10,5
VAR0507-A
7±0,2
25,4±0,5
T
3,5±0,2
37,5 max.
L


Similar Part No. - LS40K150QPK2

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
LS40K150QP MDE-LS40K150QP Datasheet
39Kb / 1P
   Metal Oxide Varistors
LS40K150QP MDE-LS40K150QP Datasheet
39Kb / 1P
   Metal Oxide Varistors
More results

Similar Description - LS40K150QPK2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72240B0750K001 EPCOS-B72240B0750K001 Datasheet
96Kb / 7P
   Block Varistors HighE Series
B72250L0131K100 EPCOS-B72250L0131K100 Datasheet
84Kb / 5P
   Strap Varistors
logo
List of Unclassifed Man...
L-1011-9 ETC2-L-1011-9 Datasheet
37Kb / 1P
   CHO-STRAP INSULATED GROUND STRAP
logo
RFE international
FLR190F RFE-FLR190F Datasheet
129Kb / 1P
   STRAP TYPE PPTC FLR Series
logo
Thinking Electronic Ind...
KSL0150070 THINKING-KSL0150070 Datasheet
166Kb / 4P
   Strap Type KSL Series
KSH0150170 THINKING-KSH0150170 Datasheet
179Kb / 4P
   Strap Type KSH Series
KSV0120170 THINKING-KSV0120170 Datasheet
142Kb / 5P
   Strap Type KSV Series
logo
RFE international
FLT070F RFE-FLT070F Datasheet
120Kb / 1P
   STRAP TYPE PPTC FLT Series
FSR120F RFE-FSR120F Datasheet
111Kb / 2P
   STRAP TYPE PPTC FSR Series
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com