Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16014 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16014
Description  Ultra-Small, Overvoltage Protection/Detection Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16014 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16014 Datasheet HTML 1Page - Maxim Integrated Products MAX16014 Datasheet HTML 2Page - Maxim Integrated Products MAX16014 Datasheet HTML 3Page - Maxim Integrated Products MAX16014 Datasheet HTML 4Page - Maxim Integrated Products MAX16014 Datasheet HTML 5Page - Maxim Integrated Products MAX16014 Datasheet HTML 6Page - Maxim Integrated Products MAX16014 Datasheet HTML 7Page - Maxim Integrated Products MAX16014 Datasheet HTML 8Page - Maxim Integrated Products MAX16014 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Ultra-Small, Overvoltage Protection/
Detection Circuits
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = 14V, TA = +25°C, unless otherwise noted.)
UVLO THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
4.5
-40
125
INA+/INB-/SET = GND
EN = VCC
RISING
FALLING
INA+/INB-/SET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.30
1.20
-40
125
INA+/INB-/SET RISING
EN = VCC
GATE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
9.1
9.2
9.3
9.4
9.5
9.6
9.7
9.8
9.9
10.0
9.0
-40
125
MAX16013/MAX16014
SET = GND, EN = VCC
STARTUP WAVEFORM
(ROUT = 100
Ω, CIN = 10µF, COUT = 10nF)
MAX16010 toc07
VGATE
5V/div
VOUT
10V/div
VCC
10V/div
200
µs/div
STARTUP WAVEFORM
(ROUT = 100
Ω, CIN = 10µF, COUT = 10nF)
MAX16010 toc08
VGATE
10V/div
VOUT
10V/div
VCC
1V/div
20
µs/div
VEN = 0 TO 2V
OVERVOLTAGE SWITCH FAULT
(ROUT = 100
Ω, CIN = 80µF, COUT = 10nF)
MAX16010 toc09
VGATE
20V/div
VOUT
20V/div
VCC
20V/div
1ms/div
VIN = 12V TO 40V, TRIP THRESHOLD = 28V
OVERVOLTAGE LIMIT
(ROUT = 100
Ω, CIN = 80µF, COUT = 10nF)
MAX16010 toc10
VGATE
20V/div
VOUT
20V/div
VCC
20V/div
1ms/div
VIN = 12V TO 40V
TRIP THRESHOLD = 28V


Similar Part No. - MAX16014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16014TT-T MAXIM-MAX16014TT-T Datasheet
189Kb / 12P
   Ultra-Small, Overvoltage Protection/Detection Circuits
19-3693; Rev 4; 9/08
MAX16014TT-T MAXIM-MAX16014TT-T Datasheet
831Kb / 12P
   Ultra-Small, Overvoltage Protection/Detection Circuits
2015
More results

Similar Description - MAX16014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16010 MAXIM-MAX16010_08 Datasheet
189Kb / 12P
   Ultra-Small, Overvoltage Protection/Detection Circuits
19-3693; Rev 4; 9/08
MAX16010 MAXIM-MAX16010_V01 Datasheet
831Kb / 12P
   Ultra-Small, Overvoltage Protection/Detection Circuits
2015
MAX14529 MAXIM-MAX14529 Datasheet
266Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
logo
Power-One
QAS050ZG POWER-ONE-QAS050ZG Datasheet
87Kb / 3P
   Overvoltage Protection
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
STMicroelectronics
STEVAL-ISA026V1 STMICROELECTRONICS-STEVAL-ISA026V1 Datasheet
91Kb / 4P
   Overvoltage protection
December 2007 Rev 1
logo
Maxim Integrated Produc...
MAX14529E MAXIM-MAX14529E Datasheet
197Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
logo
Texas Instruments
TMUX1072 TI1-TMUX1072 Datasheet
388Kb / 21P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072 TI1-TMUX1072_18 Datasheet
993Kb / 26P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
logo
ON Semiconductor
NCP346 ONSEMI-NCP346_06 Datasheet
361Kb / 15P
   Overvoltage Protection IC
September, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com