Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16014 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16014
Description  Ultra-Small, Overvoltage Protection/Detection Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16014 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16014 Datasheet HTML 1Page - Maxim Integrated Products MAX16014 Datasheet HTML 2Page - Maxim Integrated Products MAX16014 Datasheet HTML 3Page - Maxim Integrated Products MAX16014 Datasheet HTML 4Page - Maxim Integrated Products MAX16014 Datasheet HTML 5Page - Maxim Integrated Products MAX16014 Datasheet HTML 6Page - Maxim Integrated Products MAX16014 Datasheet HTML 7Page - Maxim Integrated Products MAX16014 Datasheet HTML 8Page - Maxim Integrated Products MAX16014 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Ultra-Small, Overvoltage Protection/
Detection Circuits
_______________________________________________________________________________________
5
Pin Description
PIN
NAME
FUNCTION
1
11
1
VCC
Positive-Supply Input Voltage. Connect VCC to a 5.5V to 72V supply.
2
2
2
2
GND
Ground
3
——
EN
Active-Low Enable Input. Drive
EN low to turn on the voltage detectors. Drive EN high to force the
OUTA and OUTB outputs low.
EN is internally pulled up to VCC. Connect EN to GND if not used.
4
4
OUTB
Open-Drain Monitor B Output. Connect a pullup resistor from OUTB to VCC. OUTB goes low when
INB- exceeds VTH+ and goes high when INB- drops below VTH- (with LOGIC connected to GND for
the MAX16011). Drive LOGIC high to reverse OUTB’s logic state. OUTB is usually used as an
overvoltage output. OUTB goes low (LOGIC = low) or high (LOGIC = high) when VCC drops below
the UVLO threshold voltage.
5
5
INB-
Adjustable Voltage Monitor Threshold Input
6
6—
5
EN
Active-High ENABLE Input. For the MAX16010/MAX16011, drive EN high to turn on the voltage
detectors. Drive EN low to force OUTA low and OUTB low (LOGIC = low) or high (LOGIC = high). For
the MAX16013/MAX16014, drive EN high to enhance the p-channel MOSFET (P2), and drive EN low
to turn off the MOSFET. EN is internally pulled down to GND. Connect EN to VCC if not used.
7
7
OUTA
Open-Drain Monitor A Output. Connect a pullup resistor from OUTA to VCC. OUTA goes low when
INA+ drops below VTH- and goes high when INA+ exceeds VTH+. OUTA is usually used as an
undervoltage output. OUTA also goes low when VCC drops below the UVLO threshold voltage.
8
8
INA+
Adjustable Voltage Monitor Threshold Input
3
LOGIC
OUTB Logic-Select Input. Connect LOGIC to GND or VCC to configure the OUTB logic. See the
MAX16011 output logic table.
3
OUT
Open-Drain Comparator Output. Connect a pullup resistor from OUT to VCC. OUT goes low when
IN+ drops below IN-. OUT goes high when IN+ exceeds IN-.
—4—
IN-
Inverting Comparator Input
5
REF
Internal 1.30V Reference Output. Connect REF to IN+ for active-low output. Connect REF to IN- for
active-high output. REF can source and sink up to 1µA. Leave REF floating if not used. REF output is
stable with capacitive loads from 0 to 50pF.
6
IN+
Noninverting Comparator Input
3
GATE2
Gate-Driver Output. Connect GATE2 to the gate of an external p-channel MOSFET pass switch.
GATE2 is driven low to the higher of VCC - 10V or GND during normal operations and quickly shorted
to VCC during an overvoltage condition (SET above the internal threshold). GATE2 is shorted to VCC
when the supply voltage goes below the UVLO threshold voltage. GATE2 is shorted to VCC when EN
is low.
4
SET
Device Overvoltage Threshold Adjustment Input. Connect SET to an external resistive divider network
to adjust the desired overvoltage disable or overvoltage limit threshold (see the Typical Application
Circuit and Overvoltage Limiter section).
6
GATE1
Gate-Driver Output. Connect GATE1 to the gate of an external p-channel MOSFET to provide low
drop reverse voltage protection.
——
EP
Exposed Pad. Connect EP to GND.


Similar Part No. - MAX16014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16014TT-T MAXIM-MAX16014TT-T Datasheet
189Kb / 12P
   Ultra-Small, Overvoltage Protection/Detection Circuits
19-3693; Rev 4; 9/08
MAX16014TT-T MAXIM-MAX16014TT-T Datasheet
831Kb / 12P
   Ultra-Small, Overvoltage Protection/Detection Circuits
2015
More results

Similar Description - MAX16014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16010 MAXIM-MAX16010_08 Datasheet
189Kb / 12P
   Ultra-Small, Overvoltage Protection/Detection Circuits
19-3693; Rev 4; 9/08
MAX16010 MAXIM-MAX16010_V01 Datasheet
831Kb / 12P
   Ultra-Small, Overvoltage Protection/Detection Circuits
2015
MAX14529 MAXIM-MAX14529 Datasheet
266Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
logo
Power-One
QAS050ZG POWER-ONE-QAS050ZG Datasheet
87Kb / 3P
   Overvoltage Protection
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
STMicroelectronics
STEVAL-ISA026V1 STMICROELECTRONICS-STEVAL-ISA026V1 Datasheet
91Kb / 4P
   Overvoltage protection
December 2007 Rev 1
logo
Maxim Integrated Produc...
MAX14529E MAXIM-MAX14529E Datasheet
197Kb / 9P
   Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
logo
Texas Instruments
TMUX1072 TI1-TMUX1072 Datasheet
388Kb / 21P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072 TI1-TMUX1072_18 Datasheet
993Kb / 26P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
logo
ON Semiconductor
NCP346 ONSEMI-NCP346_06 Datasheet
361Kb / 15P
   Overvoltage Protection IC
September, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com