Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43304G2827M000 Datasheet(PDF) 5 Page - EPCOS

Part # B43304G2827M000
Description  Snap-In Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43304G2827M000 Datasheet(HTML) 5 Page - EPCOS

  B43304G2827M000 Datasheet HTML 1Page - EPCOS B43304G2827M000 Datasheet HTML 2Page - EPCOS B43304G2827M000 Datasheet HTML 3Page - EPCOS B43304G2827M000 Datasheet HTML 4Page - EPCOS B43304G2827M000 Datasheet HTML 5Page - EPCOS B43304G2827M000 Datasheet HTML 6Page - EPCOS B43304G2827M000 Datasheet HTML 7Page - EPCOS B43304G2827M000 Datasheet HTML 8Page - EPCOS B43304G2827M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
227 10/02
Miniaturized 85 °C
B43304
Overview of available types
UR (VDC)
200
250
400
450
CR (µF)
Case dimensions
d
× l (mm)
82
22
× 25
100
22
× 25
22
× 30
25
× 25
120
22
× 30
25
× 25
22
× 35
25
× 30
150
22
× 35
25
× 30
22
× 40
25
× 30
30
× 25
180
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
220
22
× 25
22
× 45
25
× 35
30
× 30
22
× 50
25
× 40
30
× 30
35
× 25
270
22
× 30
22
× 50
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
35
× 30
330
22
× 25
22
× 30
25
× 25
25
× 45
30
× 35
35
× 30
30
× 40
35
× 35
390
22
× 30
25
× 25
22
× 35
25
× 30
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
470
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
30
× 45
35
× 35
30
× 50
35
× 40
560
22
× 35
25
× 30
22
× 45
25
× 35
30
× 30
30
× 50
35
× 40
35
× 45
680
22
× 40
25
× 35
30
× 25
22
× 50
25
× 40
30
× 30
35
× 25
35
× 45
820
22
× 45
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
35
× 30


Similar Part No. - B43304G2827M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43303 EPCOS-B43303 Datasheet
318Kb / 14P
   Snap-In Capacitors
B43303A0128M000 EPCOS-B43303A0128M000 Datasheet
318Kb / 14P
   Snap-In Capacitors
B43303A0128M000 EPCOS-B43303A0128M000 Datasheet
325Kb / 15P
   Snap-In Capacitors
B43303A0128M002 EPCOS-B43303A0128M002 Datasheet
318Kb / 14P
   Snap-In Capacitors
B43303A0128M007 EPCOS-B43303A0128M007 Datasheet
318Kb / 14P
   Snap-In Capacitors
More results

Similar Description - B43304G2827M000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com