Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B40K275 Datasheet(PDF) 3 Page - EPCOS

Part # B40K275
Description  Block Varistors HighE Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B40K275 Datasheet(HTML) 3 Page - EPCOS

  B40K275 Datasheet HTML 1Page - EPCOS B40K275 Datasheet HTML 2Page - EPCOS B40K275 Datasheet HTML 3Page - EPCOS B40K275 Datasheet HTML 4Page - EPCOS B40K275 Datasheet HTML 5Page - EPCOS B40K275 Datasheet HTML 6Page - EPCOS B40K275 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
223 04/02
Characteristics (TA = 25 °C)
Type
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage
Ctyp
(1 kHz)
pF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
B40K75
120
± 10
220
300
11000
259
282
B32K130
205
± 10
340
200
4400
259
281
B40K130
205
± 10
340
300
5600
260
282
B60K130
205
± 10
340
500
15000
262
283
B80K130
205
± 10
340
800
28000
264
285
B32K150
240
± 10
395
200
3700
259
281
B40K150
240
± 10
395
300
4800
260
282
B60K150
240
± 10
395
500
12000
262
283
B80K150
240
± 10
395
800
23000
264
285
B32K230
360
± 10
595
200
2500
259
281
B40K230
360
± 10
595
300
3200
261
282
B60K230
360
± 10
595
500
7900
263
283
B80K230
360
± 10
595
800
16000
264
285
B32K250
390
± 10
650
200
2200
259
281
B40K250
390
± 10
650
300
2900
261
282
B60K250
390
± 10
650
500
7100
263
283
B80K250
390
± 10
650
800
14000
264
285
B32K275
430
± 10
710
200
2000
259
281
B40K275
430
± 10
710
300
2700
261
282
B60K275
430
± 10
710
500
6600
263
283
B80K275
430
± 10
710
800
13000
264
285
B32K320
510
± 10
840
200
1700
259
281
B40K320
510
± 10
840
300
2300
261
282
B60K320
510
± 10
840
500
5600
263
283
B80K320
510
± 10
840
800
11000
264
285
B32K385
620
± 10
1025
200
1400
259
281
B40K385
620
± 10
1025
300
1900
261
282
B60K385
620
± 10
1025
500
4600
263
283
B80K385
620
± 10
1025
800
9000
264
285
HighE Series
Block Varistors


Similar Part No. - B40K275

ManufacturerPart #DatasheetDescription
logo
Coto Technology
B40 COTO-B40 Datasheet
96Kb / 2P
   4-Channel RF Relays
logo
RHOPOINT COMPONENTS
B40 RHOPOINT-B40 Datasheet
130Kb / 2P
   4-Channel RF Relays
logo
Micrel Semiconductor
B40 MICREL-B40 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
logo
Coto Technology
B40-0002 COTO-B40-0002 Datasheet
96Kb / 2P
   4-Channel RF Relays
B40-0003 COTO-B40-0003 Datasheet
96Kb / 2P
   4-Channel RF Relays
More results

Similar Description - B40K275

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72240L0131K100 EPCOS-B72240L0131K100 Datasheet
82Kb / 5P
   Strap Varistors HighE Series
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72210S171K101 EPCOS-B72210S171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S2321K151 EPCOS-B72214S2321K151 Datasheet
725Kb / 34P
   SIOV metal oxide varistors Leaded varistors, AdvanceD series
B72214S551K101 EPCOS-B72214S551K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S1140K552 EPCOS-B72214S1140K552 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
SIOV-S14K130G5S5 EPCOS-SIOV-S14K130G5S5 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
ETFV25 EPCOS-ETFV25 Datasheet
275Kb / 10P
   SIOV metal oxide varistors Housed (ThermoFuse) varistors, AdvanceD series
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com