Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9516-1 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9516-1
Description  14-Output Clock Generator with Integrated 2.5 GHz VCO
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-1 Datasheet(HTML) 5 Page - Analog Devices

  AD9516-1 Datasheet HTML 1Page - Analog Devices AD9516-1 Datasheet HTML 2Page - Analog Devices AD9516-1 Datasheet HTML 3Page - Analog Devices AD9516-1 Datasheet HTML 4Page - Analog Devices AD9516-1 Datasheet HTML 5Page - Analog Devices AD9516-1 Datasheet HTML 6Page - Analog Devices AD9516-1 Datasheet HTML 7Page - Analog Devices AD9516-1 Datasheet HTML 8Page - Analog Devices AD9516-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
AD9516-1
Rev. 0 | Page 5 of 84
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PHASE/FREQUENCY DETECTOR (PFD)
PFD Input Frequency
100
MHz
Antibacklash pulse width = 1.3 ns, 2.9 ns
45
MHz
Antibacklash pulse width = 6.0 ns
Antibacklash Pulse Width
1.3
ns
0x17<1:0> = 01b
2.9
ns
0x17<1:0> = 00b; 0x17<1:0> = 11b
6.0
ns
0x17<1:0> = 10b
CHARGE PUMP (CP)
ICP Sink/Source
Programmable
High Value
4.8
mA
With CPRSET = 5.1 kΩ
Low Value
0.60
mA
Absolute Accuracy
2.5
%
CPV = VCP/2
CPRSET Range
2.7/10
ICP High Impedance Mode Leakage
1
nA
Sink-and-Source Current Matching
2
%
0.5 < CPV < VCP − 0.5 V
ICP vs. CPV
1.5
%
0.5 < CPV < VCP − 0.5 V
ICP vs. Temperature
2
%
CPV = VCP/2 V
PRESCALER (PART OF N DIVIDER)
Prescaler Input Frequency
P = 1 FD
300
MHz
P = 2 FD
600
MHz
P = 3 FD
900
MHz
P = 2 DM (2/3)
600
MHz
P = 4 DM (4/5)
1000
MHz
P = 8 DM (8/9)
2400
MHz
P = 16 DM (16/17)
3000
MHz
P = 32 DM (32/33)
3000
MHz
Prescaler Output Frequency
300
MHz
A, B counter input frequency (prescaler
input frequency divided by P)
PLL DIVIDER DELAYS
Register 0x19: R <5:3>, N <2:0>; see Table 53
000
Off
ps
001
330
ps
010
440
ps
011
550
ps
100
660
ps
101
770
ps
110
880
ps
111
990
ps
NOISE CHARACTERISTICS
In-Band Phase Noise of the Charge
Pump/Phase Frequency Detector
(In-Band Means Within the LBW
of the PLL)
The PLL in-band phase noise floor is estimated
by measuring the in-band phase noise at the
output of the VCO and subtracting 20log(N)
(where N is the value of the N divider)
@ 500 kHz PFD Frequency
−165
dBc/Hz
@ 1 MHz PFD Frequency
−162
dBc/Hz
@ 10 MHz PFD Frequency
−151
dBc/Hz
@ 50 MHz PFD Frequency
−143
dBc/Hz
PLL Figure of Merit (FOM)
−220
dBc/Hz
Reference slew rate > 0.25 V/ns. FOM +10log (fPFD)
is an approximation of the PFD/CP in-band
phase noise (in the flat region) inside the PLL
loop bandwidth. When running closed loop,
the phase noise, as observed at the VCO output,
is increased by 20log(N)


Similar Part No. - AD9516-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9516-1 AD-AD9516-1 Datasheet
707Kb / 8P
   High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
REV. 0
AD9516-1 AD-AD9516-1_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.5 GHz VCO
REV. C
More results

Similar Description - AD9516-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9516-1 AD-AD9516-1_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.5 GHz VCO
REV. C
AD9517-1 AD-AD9517-1_15 Datasheet
2Mb / 80P
   12-Output Clock Generator with Integrated 2.5 GHz VCO
Rev. E
AD9518-1 AD-AD9518-1 Datasheet
1Mb / 64P
   6-Output Clock Generator with Integrated 2.5 GHz VCO
REV. C
AD9517-1 AD-AD9517-1 Datasheet
2Mb / 80P
   12-Output Clock Generator with Integrated 2.5 GHz VCO
Rev. E
AD9518_1 AD-AD9518_1_15 Datasheet
1Mb / 64P
   6-Output Clock Generator with Integrated 2.5 GHz VCO
Rev. C
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. C
AD9516-4 AD-AD9516-4_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. C
AD9516-2 AD-AD9516-2 Datasheet
946Kb / 84P
   14-Output Clock Generator with Integrated 2.2 GHz VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com