Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9957 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9957
Description  1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957 Datasheet(HTML) 1 Page - Analog Devices

  AD9957 Datasheet HTML 1Page - Analog Devices AD9957 Datasheet HTML 2Page - Analog Devices AD9957 Datasheet HTML 3Page - Analog Devices AD9957 Datasheet HTML 4Page - Analog Devices AD9957 Datasheet HTML 5Page - Analog Devices AD9957 Datasheet HTML 6Page - Analog Devices AD9957 Datasheet HTML 7Page - Analog Devices AD9957 Datasheet HTML 8Page - Analog Devices AD9957 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
1 GSPS Quadrature Digital Upconverter
with 18-Bit IQ Data Path and 14-Bit DAC
AD9957
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
1 GSPS internal clock speed (up to 400 MHz analog output)
Integrated 1 GSPS 14-bit DAC
250 MHz I/Q data throughput rate
Phase noise ≤ −125 dBc/Hz (400 MHz carrier @ 1 kHz offset)
Excellent dynamic performance >80 dB narrow-band SFDR
8 programmable profiles for shift keying
SIN(x)/(x) correction (inverse sinc filter)
Reference clock multiplier
Internal oscillator for a single crystal operation
Software and hardware controlled power-down
Integrated RAM
Phase modulation capability
Multichip synchronization
Easy interface to Blackfin SPORT
Interpolation factors from 4× to 252×
Interpolation DAC mode
Gain control DAC
Internal divider allows references up to 2 GHz
1.8 V and 3.3 V power supplies
100-lead TQFP_EP package
APPLICATIONS
HFC data, telephony, and video modems
Wireless base station transmission
Broadband communications transmissions
Internet telephony
GENERAL DESCRIPTION
The AD9957 functions as a universal I/Q modulator and agile
upconverter for communications systems where cost, size, power
consumption, and dynamic performance are critical. The AD9957
integrates a high speed, direct digital synthesizer (DDS), a high
performance, high speed, 14-bit digital-to-analog converter (DAC),
clock multiplier circuitry, digital filters, and other DSP functions
onto a single chip. It provides for baseband upconversion for data
transmission in a wired or wireless communications system.
The AD9957 is the third offering in a family of quadrature
digital upconverters (QDUCs) that includes the AD9857 and
AD9856. It offers performance gains in operating speed, power
consumption, and spectral performance. Unlike its predecessors,
it supports a 16-bit serial input mode for I/Q baseband data.
The device can alternatively be programmed to operate either as
a single tone, sinusoidal source or as an interpolating DAC.
The reference clock input circuitry includes a crystal oscillator,
a high speed, divide-by-two input, and a low noise PLL for
multiplication of the reference clock frequency.
The user interface to the control functions includes a serial port
easily configured to interface to the SPORT of the Blackfin®
DSP and profile pins to enable fast and easy shift keying of any
signal parameter (phase, frequency, and amplitude).
FUNCTIONAL BLOCK DIAGRAM
FORMAT AND
INTERPOLATE
NCO
I
Q
REFERENCE CLOCK INPUT
I/Q DATA
DATA
FOR
XMIT
REFERENCE CLOCK
INPUT CIRCUITRY
TIMING
AND
CONTROL
14-BIT DAC
USER INTERFACE
AD9957
Figure 1.


Similar Part No. - AD9957

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9957 AD-AD9957 Datasheet
617Kb / 38P
   1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC
Rev. PrF
AD9957 AD-AD9957 Datasheet
1Mb / 62P
   1 GSPS Quadrature Digital Upconverter
AD9957 AD-AD9957 Datasheet
1Mb / 61P
   1 GSPS Quadrature Digital Upconverter
AD9957/PCBZ AD-AD9957/PCBZ Datasheet
1Mb / 62P
   1 GSPS Quadrature Digital Upconverter
AD9957/PCBZ AD-AD9957/PCBZ Datasheet
1Mb / 61P
   1 GSPS Quadrature Digital Upconverter
More results

Similar Description - AD9957

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9957 AD-AD9957 Datasheet
617Kb / 38P
   1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC
Rev. PrF
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
   1 GSPS Quadrature Digital Upconverter
AD9957 AD-AD9957_17 Datasheet
1Mb / 62P
   1 GSPS Quadrature Digital Upconverter
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9857 AD-AD9857 Datasheet
551Kb / 31P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. 0
AD9857 AD-AD9857_04 Datasheet
1Mb / 40P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9857 AD-AD9857_17 Datasheet
893Kb / 41P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
AD9912 AD-AD9912 Datasheet
113Kb / 3P
   1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
Rev. F
AD9857 AD-AD9857_15 Datasheet
1Mb / 40P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com