Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMD6 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PEMD6
Description  NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = open
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMD6 Datasheet(HTML) 5 Page - NXP Semiconductors

  PEMD6 Datasheet HTML 1Page - NXP Semiconductors PEMD6 Datasheet HTML 2Page - NXP Semiconductors PEMD6 Datasheet HTML 3Page - NXP Semiconductors PEMD6 Datasheet HTML 4Page - NXP Semiconductors PEMD6 Datasheet HTML 5Page - NXP Semiconductors PEMD6 Datasheet HTML 6Page - NXP Semiconductors PEMD6 Datasheet HTML 7Page - NXP Semiconductors PEMD6 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2001 Nov 07
5
Philips Semiconductors
Product specification
NPN/PNP resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = open
PEMD6
handbook, halfpage
103
102
MHC024
10−1
110
102
hFE
IC (mA)
(1)
(3)
(2)
Fig.3
DC current gain as a function of collector
current; typical values.
TR1 (NPN); VCE =5V.
(1) Tamb = 100 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
102
10
103
MHC025
10−1
110
VCEsat
(mV)
IC (mA)
102
(1)
(2)
(3)
Fig.4
Collector-emitter saturation voltage as a
function of collector current; typical values.
TR1 (NPN); IC/IB = 20.
(1) Tamb = 100 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
103
102
10
MHC026
−10−1
−1
−10
hFE
IC (mA)
−102
(1)
(2)
(3)
Fig.5
DC current gain as a function of collector
current; typical values.
TR2 (PNP); VCE = −5V.
(1) Tamb = 100 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
−10
−102
−103
MHC027
−10−1
−1
−10
VCEsat
(mV)
IC (mA)
−102
(1)
(2)
(3)
Fig.6
Collector-emitter saturation voltage as a
function of collector current; typical values.
TR2 (PNP); IC/IB = 20.
(1) Tamb = 100 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.


Similar Part No. - PEMD6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD6 NXP-PEMD6 Datasheet
298Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Apr 07
logo
Nexperia B.V. All right...
PEMD6 NEXPERIA-PEMD6 Datasheet
190Kb / 8P
   50 V, 100 mA NPN/PNP Resistor-Equipped Transistor; R1 = 4.7 kΩ, R2 = open
5 January 2023
PEMD6 NEXPERIA-PEMD6 Datasheet
136Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2003 Oct 15
PEMD6 NEXPERIA-PEMD6 Datasheet
297Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Apr 07
logo
NXP Semiconductors
PEMD6_PUMD6 PHILIPS-PEMD6_PUMD6_15 Datasheet
298Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Apr 07
More results

Similar Description - PEMD6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143T PHILIPS-PDTC143T Datasheet
92Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = open
2004 Aug 06
PDTA143T PHILIPS-PDTA143T Datasheet
89Kb / 14P
   PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
2004 Aug 04
PEMH7 PHILIPS-PEMH7 Datasheet
50Kb / 8P
   NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = open
2001 Oct 22
PUMD13 PHILIPS-PUMD13 Datasheet
56Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2003 Oct 08
PEMD13 PHILIPS-PEMD13 Datasheet
67Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Sep 11
PEMH13 PHILIPS-PEMH13 Datasheet
56Kb / 8P
   NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Dec 13
PEMB13 PHILIPS-PEMB13 Datasheet
60Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2004 Apr 15
PUMH13 PHILIPS-PUMH13 Datasheet
61Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2004 Apr 14
PEMB3 PHILIPS-PEMB3 Datasheet
44Kb / 8P
   PNP resistor-equipped double transistor R1 = 4.7 kohm, R2 = open
2001 Sep 14
PDTA114T PHILIPS-PDTA114T Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
2004 Aug 02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com