Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1404YCPZ-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG1404YCPZ-REEL7
Description  2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1404YCPZ-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG1404YCPZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1404YCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1404YCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1404YCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1404YCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1404YCPZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG1404YCPZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG1404YCPZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG1404YCPZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ADG1404
Preliminary Technical Data
Rev. PrB | Page 8 of 17
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
TOP VIEW
1
2
3
4
5
6
7
ADG1204
NC = NO CONNECT
EN
VSS
S1
NC
D
S2
A0
14
13
12
11
10
9
8
GND
VDD
S3
NC
NC
S4
A1
Figure 2. TSSOP Pin Configuration
ADG1404
TOP VIEW
(Not to Scale)
11
9
8
7
6
5
4
3
2
1
12
13
14
15
16
10
D
Vss
S3
S4
S1
S2
EN
NC
Vdd
Gnd
A0 A1
EXPOSED PAD TIED TO SUBSTRATE, Vss
NC = NO CONNECT
NC
NC
NC
NC
Figure 3. LFCSP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Description
1
15
A0
Logic Control Input.
2
16
EN
Active High Digital Input. When low, the device is disabled and all switches are off.
When high, Ax logic inputs determine on switches.
3
1
VSS
Most Negative Power Supply Potential.
4
3
S1
Source Terminal. Can be an input or an output.
5
4
S2
Source Terminal. Can be an input or an output.
6
6
D
Drain Terminal. Can be an input or an output.
7 to 9
2,5,7,8,
13
NC
No Connection.
10
9
S4
Source Terminal. Can be an input or an output.
11
10
S3
Source Terminal. Can be an input or an output.
12
11
VDD
Most Positive Power Supply Potential.
13
12
GND
Ground (0 V) Reference.
14
14
A1
Logic Control Input.
TRUTH TABLE
Table 6.
EN
A1
A0
S1
S2
S3
S4
0
X
X
Off
Off
Off
Off
1
0
0
On
Off
Off
Off
1
0
1
Off
On
Off
Off
1
1
0
Off
Off
On
Off
1
1
1
Off
Off
Off
On


Similar Part No. - ADG1404YCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1404 AD-ADG1404_15 Datasheet
273Kb / 16P
   1.5 On Resistance
REV. A
More results

Similar Description - ADG1404YCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com