Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1411YCPZ-500RL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG1411YCPZ-500RL7
Description  2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1411YCPZ-500RL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG1411YCPZ-500RL7 Datasheet HTML 6Page - Analog Devices ADG1411YCPZ-500RL7 Datasheet HTML 7Page - Analog Devices ADG1411YCPZ-500RL7 Datasheet HTML 8Page - Analog Devices ADG1411YCPZ-500RL7 Datasheet HTML 9Page - Analog Devices ADG1411YCPZ-500RL7 Datasheet HTML 10Page - Analog Devices ADG1411YCPZ-500RL7 Datasheet HTML 11Page - Analog Devices ADG1411YCPZ-500RL7 Datasheet HTML 12Page - Analog Devices ADG1411YCPZ-500RL7 Datasheet HTML 13Page - Analog Devices ADG1411YCPZ-500RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ADG1411/ADG1412/ADG1413
Preliminary Technical Data
Rev. PrE | Page 10 of 17
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. On Resistance as a Function of VD (VS) for Dual Supply
Figure 5. On Resistance as a Function of VD (VS) for Single Supply
Figure 6. On Resistance as a Function of VD (VS) for Different Temperatures,
Dual Supply
Figure 7. On Resistance as a Function of VD (VS) for Different Temperatures,
Single Supply
Figure 8. Leakage Currents as a Function of Temperature, Dual Supply
Figure 9. Leakage Currents as a Function of Temperature, Single Supply


Similar Part No. - ADG1411YCPZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
More results

Similar Description - ADG1411YCPZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com