Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1436YRUZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADG1436YRUZ
Description  2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1436YRUZ Datasheet(HTML) 4 Page - Analog Devices

  ADG1436YRUZ Datasheet HTML 1Page - Analog Devices ADG1436YRUZ Datasheet HTML 2Page - Analog Devices ADG1436YRUZ Datasheet HTML 3Page - Analog Devices ADG1436YRUZ Datasheet HTML 4Page - Analog Devices ADG1436YRUZ Datasheet HTML 5Page - Analog Devices ADG1436YRUZ Datasheet HTML 6Page - Analog Devices ADG1436YRUZ Datasheet HTML 7Page - Analog Devices ADG1436YRUZ Datasheet HTML 8Page - Analog Devices ADG1436YRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ADG1436
Preliminary Technical Data
Rev. PrC | Page 4 of 17
25°C
-40°C to
+85°C
-40°C to
+125°C
VDD/VSS
±4.5/±16.5
V min/max
Gnd = 0V
1 Guaranteed by design, not subject to production test.
SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
25°C
-40°C to
+85°C
-40°C to
+125°C
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
2.5
Ω typ
VS = +10 V, IS = −10 mA; Figure 23
3
4
Ω max
On Resistance Match between
Channels (∆RON)
0.1
Ω typ
VS = +10 V, IS = −10 mA
0.5
Ω max
On Resistance Flatness (RFLAT(ON))
0.1
Ω typ
VS = +3 V/+6 V/+9 V, IS = −10 mA
0.5
LEAKAGE CURRENTS
VDD = 12 V
Source Off Leakage, IS (Off)
±0.01
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; Figure 24
±0.5
±2.5
±5
nA max
Drain Off Leakage, ID (Off)
±0.01
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; Figure 24
±0.5
±2.5
±5
nA max
Channel On Leakage, ID, IS (On)
±0.04
nA typ
VS = VD = 1 V or 10 V, Figure 25
±1
±2.5
±5
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.001
µA typ
VIN = VINL or VINH
±0.5
µA max
Digital Input Capacitance, CIN
5
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANS
120
ns typ
RL = 300 Ω, CL = 35 pF
150
200
ns max
VS = 8 V; Figure 25
tON (EN)
85
ns typ
RL = 300 Ω, CL = 35 pF
105
130
140
ns max
VS = 8 V; Figure 25
tOFF (EN)
105
ns typ
RL = 300 Ω, CL = 35 pF
125
150
170
ns max
VS = 8 V; Figure 25
Break-before-Make Time Delay, tD
15
ns typ
RL = 300 Ω, CL = 35 pF
1
ns min
VS1 = VS2 = 8 V; Figure 27
Charge Injection
30
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF; Figure 29
Off Isolation
50
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 30;
Channel-to-Channel Crosstalk
60
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 31
Total Harmonic Distortion + Noise
0.015
% typ
RL = 110Ω, 5 V rms, f = 20 Hz to 20 kHz
−3 dB Bandwidth
100
MHz typ
RL = 50 Ω, CL = 5 pF; Figure 32
CS (Off)
35
pF typ
f = 1 MHz; VS = 6V
CD (Off)
35
pF typ
f = 1 MHz; VS = 6V
CD, CS (On)
70
pF typ
f = 1 MHz; VS = 6 V


Similar Part No. - ADG1436YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436TRUZ-EP AD-ADG1436TRUZ-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436TRUZ-EPR7 AD-ADG1436TRUZ-EPR7 Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results

Similar Description - ADG1436YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Rev. PrD
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com