Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1436YRUZREEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG1436YRUZREEL7
Description  2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1436YRUZREEL7 Datasheet(HTML) 5 Page - Analog Devices

  ADG1436YRUZREEL7 Datasheet HTML 1Page - Analog Devices ADG1436YRUZREEL7 Datasheet HTML 2Page - Analog Devices ADG1436YRUZREEL7 Datasheet HTML 3Page - Analog Devices ADG1436YRUZREEL7 Datasheet HTML 4Page - Analog Devices ADG1436YRUZREEL7 Datasheet HTML 5Page - Analog Devices ADG1436YRUZREEL7 Datasheet HTML 6Page - Analog Devices ADG1436YRUZREEL7 Datasheet HTML 7Page - Analog Devices ADG1436YRUZREEL7 Datasheet HTML 8Page - Analog Devices ADG1436YRUZREEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Preliminary Technical Data
ADG1436
Rev. PrC| Page 5 of 17
25°C
-40°C to
+85°C
-40°C to
+125°C
POWER REQUIREMENTS
VDD = 13.2 V
IDD
0.001
µA typ
Digital Inputs = 0 V or VDD
1.0
µA max
IDD
150
µA typ
Digital Inputs = 5 V
300
µA max
VDD
5/16.5
V
min/max
Gnd = 0V, Vss = 0V
1 Guaranteed by design, not subject to production test.
DUAL SUPPLY
VDD = 5 V ± 10%, VSS = -5 V ± 10%, GND = 0 V, unless otherwise noted.
Table 3.
25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
3
Ω typ
VS = ±3.3V, IS =
−10 mA; See figure x
4
Ω max
VDD = +4.5 V, VSS =
−4.5 V
On Resistance Match Between
Channels (
∆RON)
0.1
Ω typ
VS = ±3.3 V , IS =
−10 mA
Ω max
On Resistance Flatness (RFLAT(ON))
0.1
Ω typ
VS =
−3 V/0 V/+3 V; IS = −10 mA
LEAKAGE CURRENTS
VDD = +5.5 V, VSS =
−5.5 V
Source Off Leakage, IS (Off)
±0.01
nA typ
VS = ±4.5 V, VD =
4.5 V; See figure x
±0.5
±2.5
±5
nA max
Drain Off Leakage, ID (Off)
±0.01
nA typ
VS = ±4.5 V, VD =
4.5 V; See figure x
±0.5
±2.5
±5
nA max
Channel On Leakage, ID, IS (On)
±0.04
nA typ
VS = VD = ±4.5V; See figure x
±1
±5
±5
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINLor IINH
0.001
µA typ
VIN = VINL or VINH
±0.5
µA max
Digital Input Capacitance, CIN
3
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANS
150
ns typ
RL = 300 Ω, CL = 35 pF
190
265
ns max
VS = 3 V; Figure 25
tON (EN)
85
ns typ
RL = 300 Ω, CL = 35 pF
105
130
140
ns max
VS = 3 V; Figure 25
tOFF (EN)
105
ns typ
RL = 300 Ω, CL = 35 pF
125
150
170
ns max
VS = 3 V; Figure 25
Break-Before-Make Time Delay, tD
50
ns typ
RL = 300
Ω, CL = 35 pF
10
ns min
VS1 = VS2 = 3 V; See figure 25
Charge Injection
50
pC typ
VS = 0 V, RS = 0
Ω, CL = 1 nF; See figure x
Off Isolation
50
dB typ
RL = 50
Ω, CL = 5 pF, f = 1 MHz; See figure
x
Channel-to-Channel Crosstalk
60
dB typ
RL = 50
Ω, CL = 5 pF, f = 1 MHz; See figure
x


Similar Part No. - ADG1436YRUZREEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436TRUZ-EP AD-ADG1436TRUZ-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436TRUZ-EPR7 AD-ADG1436TRUZ-EPR7 Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results

Similar Description - ADG1436YRUZREEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Rev. PrD
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com