Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1185ARMZ-1 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1185ARMZ-1
Description  Quad Voltage Monitor and Sequencer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1185ARMZ-1 Datasheet(HTML) 4 Page - Analog Devices

  ADM1185ARMZ-1 Datasheet HTML 1Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 2Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 3Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 4Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 5Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 6Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 7Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 8Page - Analog Devices ADM1185ARMZ-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM1185
Rev. 0 | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Ambient temperature = 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
VCC Pin
−0.3 V to +6 V
VINx Pins
−0.3 V to +6 V
OUTx, PWRGD Pins
−0.3 V to +6 V
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature Soldering (10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 3. Thermal Resistance
Package Type
θJA
Unit
10-Lead MSOP
137.5
°C/W
ESD CAUTION


Similar Part No. - ADM1185ARMZ-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1185ARMZ AD-ADM1185ARMZ Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
More results

Similar Description - ADM1185ARMZ-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
EVAL-ADM1185EBZ AD-EVAL-ADM1185EBZ_15 Datasheet
346Kb / 12P
   Quad Voltage Monitor and Sequencer Evaluation Kit
Rev. PrA
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
   Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com