Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3192AJCPZ-RL Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3192AJCPZ-RL
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3192AJCPZ-RL Datasheet(HTML) 5 Page - Analog Devices

  ADP3192AJCPZ-RL Datasheet HTML 1Page - Analog Devices ADP3192AJCPZ-RL Datasheet HTML 2Page - Analog Devices ADP3192AJCPZ-RL Datasheet HTML 3Page - Analog Devices ADP3192AJCPZ-RL Datasheet HTML 4Page - Analog Devices ADP3192AJCPZ-RL Datasheet HTML 5Page - Analog Devices ADP3192AJCPZ-RL Datasheet HTML 6Page - Analog Devices ADP3192AJCPZ-RL Datasheet HTML 7Page - Analog Devices ADP3192AJCPZ-RL Datasheet HTML 8Page - Analog Devices ADP3192AJCPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ADP3192A
Rev. 0 | Page 5 of 32
TEST CIRCUITS
EN
PWRGD
FBRTN
FB
COMP
SS
DELAY
VRFAN
VRHOT
TTSENSE
PWM1
PWM2
PWM3
PWM4
NC
SW1
SW2
SW3
SW4
NC
8-BIT CODE
10nF
1µF
10nF
100nF
20kΩ
100kΩ
250kΩ
1kΩ
100nF
ADP3192A
40
1
1.25V
+
680Ω
680Ω
12V
NC = NO CONNECT
Figure 2. Closed-Loop Output Voltage Accuracy
CSSUM
17
CSCOMP
16
31
VCC
CSREF
15
GND
18
39kΩ
680Ω
680Ω
100nF
1kΩ
1V
ADP3192A
VOS =
CSCOMP – 1V
40
12V
Figure 3. Current Sense Amplifier VOS
31
VCC
10kΩ
ΔV
1V
ADP3192A
680Ω
680Ω
12V
ΔVFB = FBΔV = 80mV – FBΔV = 0mV
+
5
COMP
4
FB
14
LLSET
15
CSREF
18
GND
VID
DAC
Figure 4. Positioning Voltage


Similar Part No. - ADP3192AJCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
ADP3192JCPZ-RL AD-ADP3192JCPZ-RL Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
More results

Similar Description - ADP3192AJCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. A
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5032 FAIRCHILD-FAN5032 Datasheet
479Kb / 6P
   8-Bit Programmable 2 to 4 Phase Synchronous Buck Controller
logo
ON Semiconductor
ADP3198 ONSEMI-ADP3198 Datasheet
634Kb / 31P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 2
ADP3290 ONSEMI-ADP3290 Datasheet
534Kb / 30P
   8-Bit, Programmable 2- to 4-Phase Synchronous Buck Controller
July, 2009 ??Rev. 2
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3189 AD-ADP3189 Datasheet
1Mb / 36P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
REV. 0
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Analog Devices
ADP3193A AD-ADP3193A Datasheet
1,007Kb / 32P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com