Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32686-A2473-M Datasheet(PDF) 10 Page - EPCOS

Part # B32686-A2473-M
Description  Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32686-A2473-M Datasheet(HTML) 10 Page - EPCOS

Back Button B32686-A2473-M Datasheet HTML 6Page - EPCOS B32686-A2473-M Datasheet HTML 7Page - EPCOS B32686-A2473-M Datasheet HTML 8Page - EPCOS B32686-A2473-M Datasheet HTML 9Page - EPCOS B32686-A2473-M Datasheet HTML 10Page - EPCOS B32686-A2473-M Datasheet HTML 11Page - EPCOS B32686-A2473-M Datasheet HTML 12Page - EPCOS B32686-A2473-M Datasheet HTML 13Page - EPCOS B32686-A2473-M Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
187 12/00
MFP
Permissible ac voltage Vrms versus frequency f
Lead spacing 15 mm
630 Vdc/ 300 Vac
1000 Vdc/ 400 Vac
1250 Vdc/ 450 Vac
1600 Vdc/ 450 Vac
KMK0725-B
10
Vrms
f
50
100
1000
500
Hz
6
10
5
10
4
10
3
10
10
Vac
7
47 nF
10 nF
4,7 nF
KMK0728-1
10
Vrms
f
50
100
1000
500
Hz
6
10
5
10
4
10
3
10
10
Vac
7
15 nF
3,3 nF
KMK0731-K
10
Vrms
f
50
100
1000
500
Hz
6
10
5
10
4
10
3
10
10
Vac
7
10 nF
2,2 nF
KMK0734-A
10
Vrms
f
50
100
1000
500
Hz
6
10
5
10
4
10
3
10
10
Vac
7
6,8 nF
1,5 nF
B32 682
15


Similar Part No. - B32686-A2473-M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32686A EPCOS-B32686A Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
B32686A TDK-B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686A0104 EPCOS-B32686A0104 Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
B32686A0154 EPCOS-B32686A0154 Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
B32686A0224 EPCOS-B32686A0224 Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
More results

Similar Description - B32686-A2473-M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32682 TDK-B32682_16 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
MFP-B32632634 TDK-MFP-B32632634 Datasheet
518Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686A EPCOS-B32686A Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP-B32692694 TDK-MFP-B32692694 Datasheet
480Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
B32686S TDK-B32686S_16 Datasheet
430Kb / 20P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686S EPCOS-B32686S Datasheet
408Kb / 22P
   Metallized Polypropylene Film Capacitors (MFP)
B32632_634 EPCOS-B32632_634 Datasheet
543Kb / 29P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32620 EPCOS-B32620 Datasheet
154Kb / 16P
   Metallized Polypropylene Film Capacitors (MKP) Plastic Case
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com