Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32686-A2473-M Datasheet(PDF) 6 Page - EPCOS

Part # B32686-A2473-M
Description  Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32686-A2473-M Datasheet(HTML) 6 Page - EPCOS

Back Button B32686-A2473-M Datasheet HTML 2Page - EPCOS B32686-A2473-M Datasheet HTML 3Page - EPCOS B32686-A2473-M Datasheet HTML 4Page - EPCOS B32686-A2473-M Datasheet HTML 5Page - EPCOS B32686-A2473-M Datasheet HTML 6Page - EPCOS B32686-A2473-M Datasheet HTML 7Page - EPCOS B32686-A2473-M Datasheet HTML 8Page - EPCOS B32686-A2473-M Datasheet HTML 9Page - EPCOS B32686-A2473-M Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
183 12/00
MFP
Capacitance tolerance:
± 10 % =ˆ K, ± 5 % =ˆ J, (± 3,5 % upon request)
Ordering codes and packing units, lead spacing 27,5 mm
VR
(Vrms,
f
≤ 1 kHz)
CR
Maximum
dimensions
b
× h × l (mm)
Ordering code1)
Packing units (pcs)
Ammo
pack
Reel
Untaped
630 Vdc
(300 Vac)
0,15
µF
11,0
× 21,0 × 31,5 B32684-A6154-+***
350
320
0,22
µF
12,5
× 21,5 × 31,5 B32684-A6224-+***
300
280
0,33
µF
15,0
× 24,5 × 31,5 B32684-A6334-+
240
0,47
µF
18,0
× 27,5 × 31,5 B32684-A6474-+
200
1000 Vdc
(400 Vac)
68 nF
11,0
× 21,0 × 31,5 B32684-A683-+***
350
320
0,10
µF
12,5
× 21,5 × 31,5 B32684-A104-+***
300
280
0,15
µF
18,0
× 27,5 × 31,5 B32684-A154-+
200
1250 Vdc
(450 Vac)
47 nF
11,0
× 21,0 × 31,5 B32684-A7473-+***
350
320
68 nF
13,5
× 23,0 × 31,5 B32684-A7683-+***
250
260
0,10
µF
15,0
× 24,5 × 31,5 B32684-A7104-+
240
0,15
µF
19,0
× 30,0 × 31,5 B32684-A7154-+
180
1600 Vdc
(450 Vac)
33 nF
11,0
× 21,0 × 31,5 B32684-A1333-+***
350
320
47 nF
12,5
× 21,5 × 31,5 B32684-A1473-+***
300
280
68 nF
15,0
× 24,5 × 31,5 B32684-A1683-+
240
0,10
µF
19,0
× 30,0 × 31,5 B32684-A1104-+
180
2000 Vdc
(500 Vac)
15 nF
11,0
× 21,0 × 31,5 B32684-A2153-+***
350
320
22 nF
11,0
× 21,0 × 31,5 B32684-A2223-+***
350
320
33 nF
14,0
× 24,5 × 31,5 B32684-A2333-+
260
47 nF
18,0
× 27,5 × 31,5 B32684-A2473-+
200
1)
+ Code letter for capacitance tolerance
*** Code number for packing: Reel = 189
The ordering code for untaped components ends after the tolerance code letter.
For capacitors with 3,2 mm lead length, append code number “3” to the tolerance code, e.g.: B32684-A6154-K3
B32 684
27,5


Similar Part No. - B32686-A2473-M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32686A EPCOS-B32686A Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
B32686A TDK-B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686A0104 EPCOS-B32686A0104 Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
B32686A0154 EPCOS-B32686A0154 Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
B32686A0224 EPCOS-B32686A0224 Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
More results

Similar Description - B32686-A2473-M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32682 TDK-B32682_16 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
MFP-B32632634 TDK-MFP-B32632634 Datasheet
518Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686A EPCOS-B32686A Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP-B32692694 TDK-MFP-B32692694 Datasheet
480Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
B32686S TDK-B32686S_16 Datasheet
430Kb / 20P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686S EPCOS-B32686S Datasheet
408Kb / 22P
   Metallized Polypropylene Film Capacitors (MFP)
B32632_634 EPCOS-B32632_634 Datasheet
543Kb / 29P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32620 EPCOS-B32620 Datasheet
154Kb / 16P
   Metallized Polypropylene Film Capacitors (MKP) Plastic Case
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com