Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43303C2477M007 Datasheet(PDF) 10 Page - EPCOS

Part # B43303C2477M007
Description  Snap-In Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43303C2477M007 Datasheet(HTML) 10 Page - EPCOS

Back Button B43303C2477M007 Datasheet HTML 6Page - EPCOS B43303C2477M007 Datasheet HTML 7Page - EPCOS B43303C2477M007 Datasheet HTML 8Page - EPCOS B43303C2477M007 Datasheet HTML 9Page - EPCOS B43303C2477M007 Datasheet HTML 10Page - EPCOS B43303C2477M007 Datasheet HTML 11Page - EPCOS B43303C2477M007 Datasheet HTML 12Page - EPCOS B43303C2477M007 Datasheet HTML 13Page - EPCOS B43303C2477M007 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
219 10/02
Standard 85 °C
B41303 / B43303
400
68
22
× 30
2400
2000
1,0
0,48
B43303G0686M000
100
22
× 35
1600
1420
1,3
0,61
B43303G0107M000
100
25
× 30
1600
1420
1,4
0,63
B43303Q0107M000
120
25
× 30
1350
1180
1,5
0,69
B43303A9127M000
150
22
× 40
1100
920
1,7
0,79
B43303A9157M000
150
25
× 30
1100
920
1,7
0,77
B43303B9157M000
220
25
× 40
700
630
2,2
1,0
B43303B9227M000
220
30
× 30
700
630
2,2
1,0
B43303A9227M000
270
30
× 35
580
520
2,6
1,2
B43303A9277M000
330
30
× 45
450
420
3,2
1,4
B43303G0337M000
390
30
× 45
400
360
3,5
1,6
B43303A9397M000
390
35
× 40
440
350
3,7
1,7
B43303A0397M000
470
35
× 45
360
290
4,3
1,9
B43303F0477M000
560
35
× 50
300
240
4,9
2,2
B43303F0567M000
680
35
× 55
250
200
5,6
2,5
B43303A0687M000
450
68
22
× 35
3700
3080
1,1
0,50
B43303A5686M000
100
22
× 40
2500
2080
1,4
0,64
B43303B5107M000
120
25
× 35
2100
1730
1,6
0,72
B43303A5127M000
150
30
× 35
1700
1420
1,9
0,88
B43303A5157M000
180
30
× 35
1370
1180
2,1
0,97
B43303A5187M000
220
30
× 50
1200
1000
2,7
1,2
B43303A5227M000
270
30
× 45
910
790
2,9
1,3
B43303A5277M000
330
35
× 40
840
670
3,4
1,5
B43303A5337M000
390
35
× 45
710
570
3,9
1,8
B43303A5397M000
470
35
× 50
590
470
4,5
2,0
B43303A5477M000
500
22
22
× 25
9200
7700
0,52
0,24
B43303A6226M000
33
22
× 30
6200
5200
0,68
0,31
B43303A6336M000
47
22
× 40
4400
3700
0,91
0,41
B43303A6476M000
68
25
× 40
3000
2500
1,2
0,54
B43303A6686M000
100
30
× 40
2100
1800
1,6
0,71
B43303A6107M000
150
30
× 50
1400
1200
2,1
0,94
B43303A6157M000
1) 120 Hz conversion factor of ripple current:
I~ (120 Hz) = 1,03 · I~ (100 Hz)
2) Ordering code for standard terminals (6,3 mm).
To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 213.
UR
VDC
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
I~max
100 Hz
40
°C
A
I~R1)
100 Hz
85
°C
A
Ordering code2)


Similar Part No. - B43303C2477M007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43303C2477M000 EPCOS-B43303C2477M000 Datasheet
325Kb / 15P
   Snap-In Capacitors
More results

Similar Description - B43303C2477M007

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com