Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43303A2128M007 Datasheet(PDF) 9 Page - EPCOS

Part # B43303A2128M007
Description  Snap-In Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43303A2128M007 Datasheet(HTML) 9 Page - EPCOS

Back Button B43303A2128M007 Datasheet HTML 5Page - EPCOS B43303A2128M007 Datasheet HTML 6Page - EPCOS B43303A2128M007 Datasheet HTML 7Page - EPCOS B43303A2128M007 Datasheet HTML 8Page - EPCOS B43303A2128M007 Datasheet HTML 9Page - EPCOS B43303A2128M007 Datasheet HTML 10Page - EPCOS B43303A2128M007 Datasheet HTML 11Page - EPCOS B43303A2128M007 Datasheet HTML 12Page - EPCOS B43303A2128M007 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
218 10/02
Standard 85 °C
B41303 / B43303
Technical data and ordering codes
UR
VDC
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
I~max
100 Hz
40
°C
A
I~R1)
100 Hz
85
°C
A
Ordering code2)
B43303 (not for new design)
200
220
22
× 25
1250
960
1,7
0,77
B43303D0227M000
330
22
× 30
900
640
2,2
1,0
B43303D0337M000
330
25
× 25
800
640
2,3
1,0
B43303M0337M000
470
22
× 40
560
450
2,9
1,3
B43303D0477M000
470
30
× 25
560
450
3,0
1,3
B43303M0477M000
680
25
× 40
390
310
3,8
1,7
B43303D0687M000
680
30
× 35
390
310
4,0
1,8
B43303M0687M000
1 000
30
× 45
260
210
5,3
2,4
B43303D0108M000
1 000
35
× 40
260
210
5,6
2,5
B43303E0108M000
1 200
35
× 45
220
180
6,4
2,9
B43303A0128M000
1 500
35
× 50
180
140
7,4
3,3
B43303A0158M000
250
150
22
× 25
1400
1200
1,4
0,63
B43303C2157M000
220
22
× 30
920
740
1,8
0,82
B43303C2227M000
220
25
× 25
920
740
1,8
0,84
B43303L2227M000
330
22
× 40
620
500
2,5
1,1
B43303C2337M000
330
25
× 35
620
500
2,5
1,2
B43303L2337M000
470
25
× 40
440
360
3,2
1,4
B43303C2477M000
470
30
× 30
440
360
3,1
1,4
B43303L2477M000
680
30
× 40
300
240
4,2
1,9
B43303C2687M000
1 000
35
× 45
220
170
5,8
2,6
B43303A2108M000
1 200
35
× 50
180
150
6,6
3,0
B43303A2128M000
385
68
22
× 25
2700
2200
1,0
0,45
B43303H0686M000
100
22
× 30
1800
1500
1,3
0,58
B43303H0107M000
100
25
× 25
1800
1500
1,3
0,59
B43303R0107M000
150
22
× 40
1200
940
1,7
0,79
B43303H0157M000
150
25
× 30
1200
940
1,7
0,77
B43303R0157M000
220
25
× 40
800
640
2,3
1,0
B43303H0227M000
220
30
× 35
800
640
2,4
1,1
B43303P0227M000
330
30
× 45
540
440
3,2
1,4
B43303H0337M000
470
35
× 40
410
330
4,1
1,8
B43303E0477M000
560
35
× 45
340
280
4,7
2,1
B43303A0567M000
1) 120 Hz conversion factor of ripple current:
I~ (120 Hz) = 1,03 · I~ (100 Hz)
2) Ordering code for standard terminals (6,3 mm).
To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 213.


Similar Part No. - B43303A2128M007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43303A2128M000 EPCOS-B43303A2128M000 Datasheet
325Kb / 15P
   Snap-In Capacitors
More results

Similar Description - B43303A2128M007

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com