Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43303H0337M007 Datasheet(PDF) 2 Page - EPCOS

Part # B43303H0337M007
Description  Snap-In Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43303H0337M007 Datasheet(HTML) 2 Page - EPCOS

  B43303H0337M007 Datasheet HTML 1Page - EPCOS B43303H0337M007 Datasheet HTML 2Page - EPCOS B43303H0337M007 Datasheet HTML 3Page - EPCOS B43303H0337M007 Datasheet HTML 4Page - EPCOS B43303H0337M007 Datasheet HTML 5Page - EPCOS B43303H0337M007 Datasheet HTML 6Page - EPCOS B43303H0337M007 Datasheet HTML 7Page - EPCOS B43303H0337M007 Datasheet HTML 8Page - EPCOS B43303H0337M007 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
211 10/02
Standard 85 °C
B41303 / B43303
Specifications and characteristics in brief
B41303
B43303 (not for new design)
Rated voltage
UR
Surge voltage
US
10 … 100 VDC
1,15 ·
UR
200 … 500 VDC
1,15 ·
UR (for UR ≤ 250 VDC)
1,10 ·
UR (for UR ≥ 385 VDC)
Rated capacitance
CR
Capacitance tolerance
680 … 47 000
µF
± 20 % M
22 … 1 500
µF
± 20 % M
Leakage current
IL
(5 min, 20
°C)
Self-inductance
ESL
Approx. 20 nH
Useful life
85 °C,
UR; I~R
40 °C,
UR; 1,15 · I~R
>
2 000 h
> 100 000 h
>
2 000 h
> 100 000 h
Requirements:
C/C ≤ ± 45 % of initial value
ESR
≤ 3 times initial spec. limit
IL
≤ initial specified limit
C/C ≤ ± 30 % of initial value
ESR
≤ 3 times initial spec. limit
IL
≤ initial specified limit
Failure percentage:
≤ 1 %
Failure rate:
≤ 100 fit (≤ 100 · 10–9/h)
(for definiton “fit”, refer to chapter
“Quality”, page 62)
Voltage endurance test
85°C;
UR
2 000 h
2 000 h
Post test requirements:
C/C ≤ ± 15 % of initial value
ESR
≤ 1,3 times initial spec. limit
IL
≤ initial specified limit
C/C ≤ ± 10 % of initial value
ESR
≤ 1,3 times initial spec. limit
IL
≤ initial specified limit
Vibration resistance
To IEC 60068-2-6, test Fc:
displacement amplitude 0,35 mm, frequency range 10
… 55 Hz,
acceleration max. 5
g, duration 3
× 2 h
IEC climatic category
To IEC 60068-1:
40/085/56 (– 40°C/+ 85°C/56 days
damp heat test)
25/085/56 (– 25°C/+ 85°C/56 days
damp heat test)
Detail specification
Sectional specification
Similar to CECC 30301-806
IEC 60384-4
I
L
0,3
µA
C
R
µF
-------
U
R
V
-------
èø
æö
0,7
4
µA
+


Similar Part No. - B43303H0337M007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43303H0337M000 EPCOS-B43303H0337M000 Datasheet
325Kb / 15P
   Snap-In Capacitors
More results

Similar Description - B43303H0337M007

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com