Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCT4204 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCT4204
Description  Field Effect Transistor Silicon N Channel MOS Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCT4204 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCT4204 Datasheet HTML 1Page - Toshiba Semiconductor TPCT4204 Datasheet HTML 2Page - Toshiba Semiconductor TPCT4204 Datasheet HTML 3Page - Toshiba Semiconductor TPCT4204 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPCT4204
2004-11-09
3
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±10 V, VSS = 0 V
(Note 8)
±10
µA
Source cut-OFF current
ISSS
VSS = 30 V, VGS = 0 V
(Note 8)
10
µA
V (BR) SSS
IS = 10 mA, VGS = 0 V
(Note 8)
30
Drain-source breakdown voltage
V (BR) SSX
IS = 10 mA, VGS = −12 V (Note 8)
15
V
Gate threshold voltage
Vth
VSS = 10 V, IS = 200 µA (Note 8)
0.5
1.2
V
VGS = 2.5 V, IS = 3 A
(Note 7)
(24)
(33)
(44)
VGS = 4.0 V, IS = 3 A
(Note 7)
(18.5)
(23)
(29.5)
Drain-source ON resistance
RSS (ON)
VGS = 4.5 V, IS = 3 A
(Note 7)
(17.5)
(22)
(28)
m
Forward transfer admittance
|Yfs|
VSS = 10 V, IS = 3 A
(Note 8)
(12.5)
(25)
S
Input capacitance
Ciss
(1990)
Reverse transfer capacitance
Crss
(150)
Output capacitance
Coss
VSS = 10 V, VGS = 0 V, f = 1 MHz
(Note 8)
(210)
pF
Rise time
tr
TBD
Turn-on time
ton
TBD
Fall time
tf
TBD
Switching time
Turn-off time
toff
Duty <= 1%, tw = 10 µs (Note 8)
TBD
ns
Total gate charge
Qg
TBD
Gate-source charge1
Qgs1
VSS ∼− 24 V, VGS = 5 V, IS = 6 A
(Note 8)
TBD
nC
Diode (source-source) forward voltage
VSSF
ISR = 6 A, VGS = 0 V
(Note 9)
−1.2
V
TENTATIVE
VSS ∼− 15 V
0 V
VGS
5 V
IS = 3 A
VOUT


Similar Part No. - TPCT4204

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCT4201 TOSHIBA-TPCT4201 Datasheet
246Kb / 4P
   LITHIUM ION BATTERY APPLICATIONS
logo
National Semiconductor ...
TPCT4202 NSC-TPCT4202 Datasheet
259Kb / 4P
   Field effect Transistor Silicon N Channel MOS Type(U-MOS)
More results

Similar Description - TPCT4204

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1600 TOSHIBA-2SK1600 Datasheet
674Kb / 9P
   FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE
SSM3K37MFV TOSHIBA-SSM3K37MFV Datasheet
166Kb / 5P
   Field-Effect Transistor Silicon N-Channel MOS Type
2SK3131 TOSHIBA-2SK3131 Datasheet
420Kb / 6P
   Field Effect Transistor Silicon N Channel MOS Type
2SK1488 TOSHIBA-2SK1488 Datasheet
193Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
2SK2057 TOSHIBA-2SK2057 Datasheet
74Kb / 2P
   Field Effect Transistor Silicon N Channel MOS Type
2SK2078 TOSHIBA-2SK2078 Datasheet
213Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
HN1K06FU TOSHIBA-HN1K06FU Datasheet
123Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
SSM6N42FE TOSHIBA-SSM6N42FE Datasheet
194Kb / 6P
   Field-Effect Transistor Silicon N-Channel MOS Type
2SK1078 TOSHIBA-2SK1078 Datasheet
343Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
SSM3K329R TOSHIBA-SSM3K329R Datasheet
222Kb / 7P
   Field-Effect Transistor Silicon N-Channel MOS Type
SSM6N35FE TOSHIBA-SSM6N35FE Datasheet
193Kb / 5P
   Field-Effect Transistor Silicon N-Channel MOS Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com