Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC74100-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC74100-Q1
Description  BUCK/BOOST SWITCH-MODE REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC74100-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPIC74100-Q1 Datasheet HTML 1Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 2Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 3Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 4Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 5Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 6Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 7Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 8Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPIC74100-Q1
BUCK/BOOST SWITCH-MODE REGULATOR
SLIS125 – DECEMBER 2006
V
(driver) = 6 V to 17 V, TA = -40°C to 125°C, unless otherwise noted
Parameters
TEST CONDITIONS
Min
Typ
Max
Unit
V(driver)
Unregulated input voltage
1.5
40
V
V(driver)
Start-up condition voltage
IO = 600 mA
5
V
CO = 36 µF (min) to 220 µF (max)
4
20
SOM
Soft-start ramp
V/ms
CO = 220 µF (min) to 470 µF (max), see
2
20
Note (1)
I(standby)
Standby current
ENABLE = low
10
20
µA
Iq
Quiescent current
CLP = 0 V, V(driver) = 11 V, IO = 0 mA
100
160
µA
VO
Output voltage
DC
5
V
Normal mode
2%
VO
Output-voltage tolerance
Boost/buck crossover or low-power
3%
mode
IO
Output current
V(driver)≥ 7 V
1
A
V(driver) = 2 V, see Note (2)
200
IO(Boost)
Output current, boost mode
mA
V(driver)= 1.5 V, see Note (2)
120
Internal peak current limit (normal
IPPn
(1)
1.75
2.5
A
mode)
Internal peak current limit (low-power
IPPl
(1)
0.75
1.25
mode)
IP
Peak current
V(driver) = 16 V, IO = 1 A, and L = 33 µH
1.5
A
Boost/buck crossover voltage
V(driver)
See Note (3)
5
5.9
V
window
Tot
Thermal shutdown(4)
160
180
200
°C
5Vg Output and ENABLE
rDS(on)
On-state resistance
135
225
m
IO
Output current
400
mA
VI
5Vg_ENABLE input-voltage range
–0.5
VO
V
VIH
5Vg_ENABLE threshold high voltage V(5Vg) = 5 V
2.5
3
3.5
V
VIL
5Vg_ENABLE threshold low voltage
V(5Vg) = 0 V
1.5
2
2.5
V
V(hys)
Hysteresis voltage
0.5
1
V
r(pd)
Internal pulldown resistor
300
500
850
k
ENABLE
VI
ENABLE input-voltage range
–0.5
40
V
8 V
≤ V
(driver) ≤ 17 V
2.5
3
3.5
VIH
ENABLE threshold high voltage
V
6 V
≤ V
(driver) < 8 V
1.9
3
3.5
VIL
ENABLE threshold low voltage
VO = 5 V
1.5
2
2.5
V
8 V
≤ V
(driver) ≤ 17 V
0.5
1
V(hys)
Hysteresis voltage
V
6 V
≤ V
(driver) < 8 V
0.1
(1)
Ensured by characterization.
(2)
Tested with inductor having following characteristics: L = 33 µH, Rmax = 0.1 Ω, IR = 1.8 A. Output current must be verified in application
when inductor Rmax (ESR) is increased.
(3)
Ensured by characterization. For further details, see the Buck/Boost Transitioning section.
(4)
Ensured by characterization; hysteresis 15°C (typical)
5
Submit Documentation Feedback


Similar Part No. - TPIC74100-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74101-Q1 TI-TPIC74101-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPIC74101-Q1 Buck and Boost Switch-Mode Regulator
TPIC74101QPWPRQ1 TI1-TPIC74101QPWPRQ1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
More results

Similar Description - TPIC74100-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55065-Q1 TI1-TPS55065-Q1 Datasheet
825Kb / 30P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74101-Q1 TI-TPIC74101-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPIC74101-Q1 Buck and Boost Switch-Mode Regulator
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
logo
Texas Instruments
TPS55065-Q1 TI-TPS55065-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS55065-Q1 Buck and Boost Switched-Mode Regulator
logo
Allegro MicroSystems
A4409 ALLEGRO-A4409 Datasheet
1Mb / 30P
   Buck or buck-boost pre-regulator
logo
Microchip Technology
TC1142 MICROCHIP-TC1142 Datasheet
419Kb / 12P
   Inductorless -2x Boost/Buck Regulator
2002
logo
ON Semiconductor
FAN49101 ONSEMI-FAN49101 Datasheet
484Kb / 4P
   TinyPower I2C Buck-Boost Regulator
September 2016 Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com