Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC74100-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC74100-Q1
Description  BUCK/BOOST SWITCH-MODE REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC74100-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPIC74100-Q1 Datasheet HTML 7Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 8Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 9Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 10Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 11Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 12Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 13Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 14Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
Buck SMPS
S0182-01
Switch
Control
Current
Control
FB
SMPS
Q1
Q2
Q3
Q4
Input
Voltage
L1
L2
33µH
V
driver
V
OUT
22µF–470µF
Boost SMPS
TPIC74100-Q1
BUCK/BOOST SWITCH-MODE REGULATOR
SLIS125 – DECEMBER 2006
operating in boost mode and V(driver) is in the crossover window of 5.8 V to 5 V, the output regulation may
contain a higher than normal ripple and only maintain a 3% tolerance. This ripple and tolerance depends on the
loading and improves with a higher loading condition. When the device is operated with low-power mode active
(CLP = low) and high output currents (>50 mA), the buck/boost transitioning can cause a reset signal at the
RESET pin.
In buck mode, the duty cycle of transistor Q1 sets the voltage VOUT. The duty cycle of transistor Q1 varies 10%
to 99% depending on the input voltage, V(driver). If the peak inductor current (measured by Q1) exceeds 450 mA
(typical), Q2 is turned on for this cycle (synchronized rectification). Otherwise, the current recirculates through
Q2 as a free-wheeling diode. The detection for synchronous or asynchronous mode is done cycle-by-cycle.
To avoid a cross-conduction current between Q1 and Q2, an inherent delay is incorporated when switching Q1
off and Q2 on and vice versa.
In buck mode, transistor Q3 is not required and is switched off. Transistor Q4 is switched on to reduce power
dissipation.
The switch timings for transistors Q3 and Q4 are not considered. In buck mode, the logical control of the
transistors does not change.
Figure 2. Buck/Boost Switch Mode Configuration
In boost mode, the duty cycle of transistor Q3 controls the output voltage VOUT. The duty cycle is internally
adjusted 5% to 85% depending on the internally sensed voltage of the output. Synchronized rectification occurs
when V(driver) is below 5 V.
To avoid a discharging of the buffer capacitor, a simultaneous switching on of Q3 and Q4 is not allowed. An
inherent delay is incorporated between Q3 switching off and Q4 switching on and vice versa.
In boost mode, transistor Q2 is not required and remains off. Transistor Q1 is switched on for the duration of the
boost-mode operation (serves as a supply line).
11
Submit Documentation Feedback


Similar Part No. - TPIC74100-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74101-Q1 TI-TPIC74101-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPIC74101-Q1 Buck and Boost Switch-Mode Regulator
TPIC74101QPWPRQ1 TI1-TPIC74101QPWPRQ1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
More results

Similar Description - TPIC74100-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55065-Q1 TI1-TPS55065-Q1 Datasheet
825Kb / 30P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74101-Q1 TI-TPIC74101-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPIC74101-Q1 Buck and Boost Switch-Mode Regulator
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
logo
Texas Instruments
TPS55065-Q1 TI-TPS55065-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS55065-Q1 Buck and Boost Switched-Mode Regulator
logo
Allegro MicroSystems
A4409 ALLEGRO-A4409 Datasheet
1Mb / 30P
   Buck or buck-boost pre-regulator
logo
Microchip Technology
TC1142 MICROCHIP-TC1142 Datasheet
419Kb / 12P
   Inductorless -2x Boost/Buck Regulator
2002
logo
ON Semiconductor
FAN49101 ONSEMI-FAN49101 Datasheet
484Kb / 4P
   TinyPower I2C Buck-Boost Regulator
September 2016 Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com