Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2020-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2020-Q1
Description  POWER-DISTRIBUTION SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2020-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2020-Q1 Datasheet HTML 1Page - Texas Instruments TPS2020-Q1 Datasheet HTML 2Page - Texas Instruments TPS2020-Q1 Datasheet HTML 3Page - Texas Instruments TPS2020-Q1 Datasheet HTML 4Page - Texas Instruments TPS2020-Q1 Datasheet HTML 5Page - Texas Instruments TPS2020-Q1 Datasheet HTML 6Page - Texas Instruments TPS2020-Q1 Datasheet HTML 7Page - Texas Instruments TPS2020-Q1 Datasheet HTML 8Page - Texas Instruments TPS2020-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPS2020Q1, TPS2021Q1
TPS2022Q1, TPS2023Q1, TPS2024Q1
POWERDISTRIBUTION SWITCHES
SGLS260C − SEPTEMBER 2004 − REVISED NOVEMBER 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
TA
ENABLE
RECOMMENDED
MAXIMUM CONTINUOUS
TYPICAL SHORT-CIRCUIT
CURRENT LIMIT AT 25
°C
PACKAGED
DEVICES
TA
ENABLE
MAXIMUM CONTINUOUS
LOAD CURRENT
(A)
CURRENT LIMIT AT 25
°C
(A)
SMALL OUTLINE
(D)†
0.2
0.3
TPS2020IDRQ1‡
0.6
0.9
TPS2021IDRQ1‡
−40
°C to 85°C
Active low
1
1.5
TPS2022IDRQ1
−40 C to 85 C
Active low
1.5
2.2
TPS2023IDRQ1‡
2
3
TPS2024IDRQ1
† The D package is taped and reeled as indicated by the R suffix to device type (e.g., TPS2020IDRQ1)
‡ Product Preview
TPS2020 functional block diagram
OUT
OC
IN
EN
GND
Current
Limit
Driver
UVLO
Charge
Pump
CS
Thermal
Sense
Power Switch
†Current Sense
Terminal Functions
TERMINAL
NAME
NO.
D
I/O
DESCRIPTION
EN
4
I
Enable input. Logic low turns on power switch.
GND
1
I
Ground
IN
2, 3
I
Input voltage
OC
5
O
Overcurrent. Logic output active low
OUT
6, 7, 8
O
Power-switch output


Similar Part No. - TPS2020-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2020-Q1 TI1-TPS2020-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2020-Q1 TI1-TPS2020-Q1_14 Datasheet
1Mb / 27P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2020-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com