Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43303A6107M007 Datasheet(PDF) 6 Page - EPCOS

Part # B43303A6107M007
Description  Snap-In Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43303A6107M007 Datasheet(HTML) 6 Page - EPCOS

Back Button B43303A6107M007 Datasheet HTML 2Page - EPCOS B43303A6107M007 Datasheet HTML 3Page - EPCOS B43303A6107M007 Datasheet HTML 4Page - EPCOS B43303A6107M007 Datasheet HTML 5Page - EPCOS B43303A6107M007 Datasheet HTML 6Page - EPCOS B43303A6107M007 Datasheet HTML 7Page - EPCOS B43303A6107M007 Datasheet HTML 8Page - EPCOS B43303A6107M007 Datasheet HTML 9Page - EPCOS B43303A6107M007 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
215 10/02
Standard 85 °C
B41303 / B43303
Overview of available types
Type B43303 (not for new design)
The capacitance and voltage ratings listed above are available in different cases upon request.
Other voltage and capacitance ratings are also available upon request.
UR (VDC)
200
250
385
400
450
500
CR (µF)
Case dimensions
d
× l (mm)
22
22
× 25
33
22
× 30
47
22
× 40
68
22
× 25
22
× 30
22
× 35
25
× 40
100
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
30
× 40
120
25
× 30
25
× 35
150
22
× 25
22
× 40
25
× 30
22
× 40
25
× 30
30
× 35
30
× 50
180
30
× 35
220
22
× 25
22
× 30
25
× 25
25
× 40
30
× 35
25
× 40
30
× 30
30
× 50
270
30
× 35
30
× 45
330
22
× 30
25
× 25
22
× 40
25
× 35
30
× 45
30
× 45
35
× 40
390
30
× 45
35
× 40
35
× 45
470
22
× 40
30
× 25
25
× 40
30
× 30
35
× 40
35
× 45
35
× 50
560
35
× 45
35
× 50
680
25
× 40
30
× 35
30
× 40
35
× 55
1 000
30
× 45
35
× 40
35
× 45
1 200
35
× 45
35
× 50
1 500
35
× 50


Similar Part No. - B43303A6107M007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43303A0128M000 EPCOS-B43303A0128M000 Datasheet
325Kb / 15P
   Snap-In Capacitors
B43303A0158M000 EPCOS-B43303A0158M000 Datasheet
325Kb / 15P
   Snap-In Capacitors
B43303A0567M000 EPCOS-B43303A0567M000 Datasheet
325Kb / 15P
   Snap-In Capacitors
B43303A2108M000 EPCOS-B43303A2108M000 Datasheet
325Kb / 15P
   Snap-In Capacitors
B43303A2128M000 EPCOS-B43303A2128M000 Datasheet
325Kb / 15P
   Snap-In Capacitors
More results

Similar Description - B43303A6107M007

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com