Electronic Components Datasheet Search |
|
TPS3600X20PW Datasheet(PDF) 10 Page - Texas Instruments |
|
TPS3600X20PW Datasheet(HTML) 10 Page - Texas Instruments |
10 / 26 page TPS3600D20, TPS3600D25, TPS3600D33, TPS3600D50 BATTERY BACKUP SUPERVISORS FOR LOW POWER PROCESSORS SLVS336B − DECEMBER 2000 − REVISED JANUARY 2007 10 absolute maximum ratings over operating free-air temperature (unless otherwise noted)† Supply voltage: VDD (see Note1) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . MR and WDI −0.3 V to (VDD + 0.3 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . All other pins (see Note 1) −0.3 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current at VOUT: IO 300 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . All other pins, IO ±10 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total power dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA −40 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: All voltage values are with respect to GND. For reliable operation the device must not be operated at 7 V for more than t = 1000h continuously. DISSIPATION RATING TABLE PACKAGE TA < 25°C POWER RATING DERATING FACTOR ABOVE TA = 25°C TA = 70°C POWER RATING TA = 85°C POWER RATING PW 700 mW 5.6 mW/ °C 448 mW 364 mW recommended operating conditions at specified temperature range MIN MAX UNIT Supply voltage, VDD 1.65 5.5 V Battery supply voltage, VBAT 1.5 5.5 V Input voltage, VI 0 VOUT + 0.3 V High-level input voltage, VIH 0.7 x VOUT V Low-level input voltage, all other pins, VIL 0.3 x VOUT V Continuous output current at VOUT, IO 200 mA Input transition rise and fall rate at WDI, MSWITCH, ∆t/∆V 100 ns/V Slew rate at VDD or VBAT 34 mV/ µs Operating free-air temperature range, TA −40 85 °C www.ti.com |
Similar Part No. - TPS3600X20PW |
|
Similar Description - TPS3600X20PW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |