Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3610U18PWG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS3610U18PWG4
Description  BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3610U18PWG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS3610U18PWG4 Datasheet HTML 1Page - Texas Instruments TPS3610U18PWG4 Datasheet HTML 2Page - Texas Instruments TPS3610U18PWG4 Datasheet HTML 3Page - Texas Instruments TPS3610U18PWG4 Datasheet HTML 4Page - Texas Instruments TPS3610U18PWG4 Datasheet HTML 5Page - Texas Instruments TPS3610U18PWG4 Datasheet HTML 6Page - Texas Instruments TPS3610U18PWG4 Datasheet HTML 7Page - Texas Instruments TPS3610U18PWG4 Datasheet HTML 8Page - Texas Instruments TPS3610U18PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TPS3610U18, TPS3610T50
BATTERY BACKUP SUPERVISORS FOR RAM RETENTION
SLVS327B – DECEMBER 2000 – REVISED DECEMBER 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description
The TPS3610 family of supervisory circuits monitors and controls processor activity by providing backup-battery
switchover for data retention of CMOS RAM. Other features include an additional power-fail comparator,
low-line indication, watchdog function, battery-status indicator, manual switchover, and write protection for
CMOS RAM.
The TPS3610 family allow usage of 3-V or 3.6-V lithium batteries as the backup supply in systems with, e.g.,
VDD = 1.8 V. During power-on, RESET is asserted when the supply voltage (VDD or VBAT) becomes higher than
1.1 V. Thereafter, the supply-voltage supervisor monitors VDD and keeps RESET output active as long as VDD
remains below the threshold voltage VIT. An internal timer delays the return of the output to the inactive state
(high) to ensure proper system reset. The delay time starts after VDD has risen above the threshold voltage VIT.
When the supply voltage drops below the threshold voltage VIT, the output becomes active (low) again.
The product spectrum is designed for supply voltages of 1.8 V and 5 V. The circuits are available in a 14-pin
TSSOP package. TPS3610 devices are characterized for operation over a temperature range of –40
°C to 85°C.
standard and application-specific versions (see Note 1)
Tape and Reel
TI Package Designator
Nominal Supply Voltage
Nominal Battok Threshold Voltage
R
PW
18
TPS3610U
APPLICATION-SPECIFIC VERSIONS,
NOMINAL SUPPLY AND BATTOK VOLTAGE
TA
NOMINAL SUPPLY
VOLTAGE, VDD(NOM)
(V)
NOMINAL BATTOK
THRESHOLD VOLTAGE,
VIT(BOK) (V)
PACKAGED DEVICES
TSSOP (PW)†
40
°Cto85°C
1.8
1.6
TPS3610U18PWR
–40
°C to 85°C
5
2.4
TPS3610T50PWR
† The PW package is only available taped and reeled (indicated by the R suffix on the device type).
NOTE 1: For other NOMINAL and BATTOK voltage versions, contact your local TI sales office for availability and order lead time.


Similar Part No. - TPS3610U18PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3610U18PWG4 TI1-TPS3610U18PWG4 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
More results

Similar Description - TPS3610U18PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com