Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2377DR-1G4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2377DR-1G4
Description  IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2377DR-1G4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2377DR-1G4 Datasheet HTML 1Page - Texas Instruments TPS2377DR-1G4 Datasheet HTML 2Page - Texas Instruments TPS2377DR-1G4 Datasheet HTML 3Page - Texas Instruments TPS2377DR-1G4 Datasheet HTML 4Page - Texas Instruments TPS2377DR-1G4 Datasheet HTML 5Page - Texas Instruments TPS2377DR-1G4 Datasheet HTML 6Page - Texas Instruments TPS2377DR-1G4 Datasheet HTML 7Page - Texas Instruments TPS2377DR-1G4 Datasheet HTML 8Page - Texas Instruments TPS2377DR-1G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.ti.com
AVAILABLE OPTIONS
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
(1)
TPS2375-1
TPS2377-1
SLVS570 – MARCH 2005
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
UVLO THRESHOLDS (NOMINAL)
PACKAGE(1)
TA
MARKING
TYPE
LOW
HIGH
SO-8
TSSOP-8
802.3af
30.5 V
39.3 V
--
TPS2375PW-1
2375-1
-40
°C to 85°C
Legacy
30.5 V
35.1 V
TPS2377D-1
--
2377-1
(1)
Add an R suffix to the device type for tape and reel.
over operating free-air temperature range (unless otherwise noted) (1), voltages are referenced to V
(VSS)
TPS237x
VDD, RTN, DET, PG(2)
-0.3 V to 100 V
Voltage
ILIM, UVLO
-0.3 V to 10 V
CLASS
-0.3 V to 12 V
RTN(3)
0 to 515 mA
Current, sinking
PG
0 to 5 mA
DET
0 to 1 mA
CLASS
0 to 50 mA
Current, sourcing
ILIM
0 to 1 mA
Human body model
2 kV
ESD
Charged device model
500 V
System level (contact/air) at RJ-45(4)
8/15 kV
TJ
Maximum junction temperature range
Internally limited
Tstg
Storage temperature range
-65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds - Green Packages
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds - Nongreen
235
°C
Packages
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
I(RTN) = 0
(3)
SOA limited to V(RTN) = 80 V and I(RTN) = 515 mA.
(4)
Surges applied to RJ-45 of Figure 1 between pins of RJ-45, and between pins and output voltage rails per EN61000-4-2, 1999.
POWER RATING
θ
JA (LOW-K)
θ
JA (HIGH-K)
PACKAGE(2)
TA = 85°C (HIGH-K)
°C/W
°C/W
(mW)
D (SO-8)
238
150
266
PW (TSSOP-8)
258.5
159
251
(1)
Tested per JEDEC JESD51. High-K is a (2 signal – 2 plane) test board and low-K is a double-sided
board with minimum pad area and natural convection.
(2)
For the most current package and ordering information, see the Package Option Addendum at the
end of this document, or see the TI Web site at www.ti.com.
2


Similar Part No. - TPS2377DR-1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2377DR-1G4 TI1-TPS2377DR-1G4 Datasheet
1Mb / 27P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
More results

Similar Description - TPS2377DR-1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375-1 TI1-TPS2375-1_17 Datasheet
1Mb / 27P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
   IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
logo
Monolithic Power System...
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5969A MAXIM-MAX5969A Datasheet
1Mb / 14P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
Rev 0; 12/09
MAX5969A MAXIM-MAX5969A_V01 Datasheet
713Kb / 15P
   IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com