Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61059DRCRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS61059DRCRG4
Description  SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61059DRCRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61059DRCRG4 Datasheet HTML 1Page - Texas Instruments TPS61059DRCRG4 Datasheet HTML 2Page - Texas Instruments TPS61059DRCRG4 Datasheet HTML 3Page - Texas Instruments TPS61059DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS61059DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS61059DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS61059DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS61059DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS61059DRCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.ti.com
PIN ASSIGNMENTS
FB
IOK
GND
PVIN
SW
VOUT
GND
VIN
EN
PGND
DRC Package
(TOP VIEW)
TPS61058
TPS61059
SLVS572B – APRIL 2005 – REVISED DECEMBER 2005
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN
1
I
This is the enable pin of the device. Connect this pin to ground forces the device into shutdown mode. Pulling
this pin above 1.4V enables the device. This pin has an internal pull-down resistor.
VOUT
2
O
This is the output of the dc-dc converter.
FB
3
I
This is the feedback pin of the device. The feedback pin measures the LED current through the sense
resistor. The feedback voltage is set internally to 500mV.
IOK
4
O
This pin indicates that the dc-dc converter is ready for high current operation (open drain output).
GND
5, 7
Control / logic ground.
PVIN
6
I
This is the input voltage pin of the device. Connect directly to the input bypass capacitor.
VIN
8
I
This pin needs to be tied to the input voltage pin of the device.
SW
9
I
This is the switching pin of the converter.
PGND
10
Power ground.
PowerPAD™
Must be soldered to achieve appropriate power dissipation. Should be connected to PGND.
4


Similar Part No. - TPS61059DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61050 TI-TPS61050 Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
TPS61050DRC TI-TPS61050DRC Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
TPS61050DRCR TI-TPS61050DRCR Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
TPS61050DRCR TI1-TPS61050DRCR Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61050DRCRG4 TI-TPS61050DRCRG4 Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
More results

Similar Description - TPS61059DRCRG4

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Texas Instruments
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
logo
Linear Technology
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
logo
Texas Instruments
TPS61054 TI-TPS61054 Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI-TPS61054_08 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
logo
Richtek Technology Corp...
RT9278 RICHTEK-RT9278 Datasheet
205Kb / 13P
   High Efficiency Boost LDO Converter & High Power White LED Driver
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com