Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79625DCQ Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79625DCQ
Description  ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79625DCQ Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS79625DCQ Datasheet HTML 4Page - Texas Instruments TPS79625DCQ Datasheet HTML 5Page - Texas Instruments TPS79625DCQ Datasheet HTML 6Page - Texas Instruments TPS79625DCQ Datasheet HTML 7Page - Texas Instruments TPS79625DCQ Datasheet HTML 8Page - Texas Instruments TPS79625DCQ Datasheet HTML 9Page - Texas Instruments TPS79625DCQ Datasheet HTML 10Page - Texas Instruments TPS79625DCQ Datasheet HTML 11Page - Texas Instruments TPS79625DCQ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
www.ti.com
APPLICATION INFORMATION
Board Layout Recommendation to Improve
GND
EN
NR
IN
OUT
V
IN
V
OUT
0.01
µF
TPS796xx
2.2
µF
1
µF
External Capacitor Requirements
Regulator Mounting
Programming the TPS79601 Adjustable LDO
V
OUT + VREF
1)
R1
R2
(1)
TPS796xx
SLVS351I – SEPTEMBER 2002 – REVISED MAY 2006
The
TPS796xx
family
of
low-dropout
(LDO)
For example, the TPS79630 exhibits 40
µV
RMS
of
regulators
has
been
optimized
for
use
in
output voltage noise using a 0.1
µF ceramic bypass
noise-sensitive
equipment.
The
device
features
capacitor and a 10
µF ceramic output capacitor. Note
extremely low dropout voltages, high PSRR, ultralow
that the output starts up slower as the bypass
output noise, low quiescent current (265
µA typically),
capacitance increases due to the RC time constant
and enable input to reduce supply currents to less
at the bypass pin that is created by the internal
than 1
µA when the regulator is turned off.
250k
Ω resistor and external capacitor.
A typical application circuit is shown in Figure 22.
PSRR and Noise Performance
To improve ac measurements like PSRR, output
noise, and transient response, it is recommended
that the board be designed with separate ground
planes for VIN and VOUT, with each ground plane
connected only at the ground pin of the device. In
Figure 22. Typical Application Circuit
addition, the ground connection for the bypass
capacitor should connect directly to the ground pin of
the device.
Although not required, it is good analog design
practice to place a 0.1
µF — 2.2µF capacitor near the
The tab of the SOT223-6 package is electrically
input of the regulator to counteract reactive input
connected to ground. For best thermal performance,
sources. A 2.2
µF or larger ceramic input bypass
the tab of the surface-mount version should be
capacitor, connected between IN and GND and
soldered directly to a circuit-board copper area.
located close to the TPS796xx, is required for
Increasing
the
copper
area
improves
heat
stability and improves transient response, noise
dissipation.
rejection, and ripple rejection. A higher-value input
capacitor may be necessary if large, fast-rise-time
Solder
pad
footprint
recommendations
for
the
load transients are anticipated and the device is
devices are presented in an application bulletin
located several inches from the power source.
Solder Pad Recommendations for Surface-Mount
Devices, literature number AB-132, available for
Like most low dropout regulators, the TPS796xx
download from the TI web site (www.ti.com).
requires an output capacitor connected between
OUT and GND to stabilize the internal control loop.
The minimum recommended capacitor is 1
µF. Any
Regulator
1
µF or larger ceramic capacitor is suitable.
The output voltage of the TPS79601 adjustable
The internal voltage reference is a key source of
regulator is programmed using an external resistor
noise in an LDO regulator. The TPS796xx has an
divider as shown in Figure 28. The output voltage is
NR pin which is connected to the voltage reference
calculated using Equation 1:
through a 250k
Ω internal resistor. The 250kΩ
internal resistor, in conjunction with an external
bypass capacitor connected to the NR pin, creates a
low-pass filter to reduce the voltage reference noise
where:
and, therefore, the noise at the regulator output. In
order for the regulator to operate properly, the
VREF = 1.2246V typ (the internal reference
current flow out of the NR pin must be at a minimum,
voltage)
because any leakage current creates an IR drop
Resistors
R1
and
R2
should
be
chosen
for
across the internal resistor, thus creating an output
approximately 40
µA divider current. Lower value
error. Therefore, the bypass capacitor must have
resistors
can
be
used
for
improved
noise
minimal leakage current. The bypass capacitor
performance, but the device wastes more power.
should be no more than 0.1
µF in order to ensure that
Higher values should be avoided, as leakage current
it is fully charged during the quickstart time provided
at FB increases the output voltage error.
by the internal switch shown in the functional block
diagram.
8
Submit Documentation Feedback


Similar Part No. - TPS79625DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79625DCQ TI-TPS79625DCQ Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79625DCQ TI1-TPS79625DCQ Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79625DCQG4 TI1-TPS79625DCQG4 Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79625DCQR TI-TPS79625DCQR Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79625DCQR TI1-TPS79625DCQR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results

Similar Description - TPS79625DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com