Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79628KTT Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS79628KTT
Description  ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79628KTT Datasheet(HTML) 3 Page - Texas Instruments

  TPS79628KTT Datasheet HTML 1Page - Texas Instruments TPS79628KTT Datasheet HTML 2Page - Texas Instruments TPS79628KTT Datasheet HTML 3Page - Texas Instruments TPS79628KTT Datasheet HTML 4Page - Texas Instruments TPS79628KTT Datasheet HTML 5Page - Texas Instruments TPS79628KTT Datasheet HTML 6Page - Texas Instruments TPS79628KTT Datasheet HTML 7Page - Texas Instruments TPS79628KTT Datasheet HTML 8Page - Texas Instruments TPS79628KTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS796xx
SLVS351I – SEPTEMBER 2002 – REVISED MAY 2006
over recommended operating temperature range (T
J = –40°C to +125°C), VEN = VIN,, VIN = VOUT(nom) + 1 V
(1), I
OUT = 1mA,
C
OUT = 10µF, and CNR = 0.01µF, unless otherwise noted. Typical values are at +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN Input voltage(1)
2.7
5.5
V
VFB Internal reference (TPS79601)
1.200
1.225
1.250
V
IOUT Continuous output current
0
1
A
Output
voltage
TPS79601
1.225
5.5 – VDD
V
range
TPS79601(2)
0
µA ≤ I
OUT ≤ 1A, VOUT + 1V ≤ VIN ≤ 5.5V
(1)
0.98VOUT
VOUT
1.02VOUT
V
Output
voltage
Fixed
0
µA ≤ I
OUT ≤ 1A, VOUT + 1V ≤ VIN ≤ 5.5V
(1)
–2.0
+2.0
%
Accuracy
VOUT < 5V
Fixed
0
µA ≤ I
OUT ≤ 1A, VOUT + 1V ≤ VIN ≤ 5.5V
(1)
–3.0
+3.0
%
VOUT = 5V
Output voltage line regulation
VOUT + 1V ≤ VIN≤ 5.5V
0.05
0.12
%/V
(
∆V
OUT%/VIN)
(1)
Load regulation (
∆V
OUT%/∆IOUT)
0
µA ≤ I
OUT ≤ 1A
5
mV
TPS79628
IOUT = 1A
270
365
TPS79628DRB
IOUT = 250mA
52
90
Dropout voltage(3)
TPS79630
IOUT = 1A
250
345
mV
(VIN = VOUT (nom)– 0.1V)
TPS79633
IOUT = 1A
220
325
TPS79650
IOUT = 1A
200
300
Output current limit
VOUT = 0V
2.4
4.2
A
Ground pin current
0
µA ≤ I
OUT ≤ 1A
265
385
µA
Shutdown current(4)
VEN = 0V, 2.7V ≤ VIN ≤ 5.5V
0.07
1
µA
FB pin current
VFB = 1.225V
1
µA
f = 100Hz, IOUT = 10mA
59
f = 100Hz, IOUT = 1A
54
Power-supply ripple
TPS79630
dB
rejection
f = 10Hz, IOUT = 1A
53
f = 100Hz, IOUT = 1A
42
CNR = 0.001µF
54
CNR = 0.0047µF
46
BW = 100Hz to 100kHz,
Output noise voltage (TPS79630)
µV
RMS
IOUT = 1A
CNR = 0.01µF
41
CNR = 0.1µF
40
CNR = 0.001µF
50
Time, start-up (TPS79630)
RL = 3Ω, COUT = 1µF
CNR = 0.0047µF
75
µs
CNR = 0.01µF
110
EN pin current
VEN = 0V
–1
1
µA
High-level enable input voltage
2.7V
≤ V
IN ≤ 5.5V
1.7
VIN
V
Low-level enable input voltage
2.7V
≤ V
IN ≤ 5.5V
0
0.7
V
(1)
Minimum VIN = VOUT + VDO or 2.7V, whichever is greater. TPS79650 is tested at VIN = 5.5V.
(2)
Tolerance of external resistors not included in this specification.
(3)
VDO is not measured for TPS79618 and TPS79625 because minimum VIN = 2.7V.
(4)
For adjustable version, this applies only after VIN is applied; then VEN transitions high to low.
3
Submit Documentation Feedback


Similar Part No. - TPS79628KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79628KTT TI-TPS79628KTT Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79628KTTR TI-TPS79628KTTR Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79628KTTT TI-TPS79628KTTT Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79628KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com