Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6443 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320DM6443
Description  Digital Media System-on-Chip
Download  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6443 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320DM6443_07 Datasheet HTML 2Page - Texas Instruments TMS320DM6443_07 Datasheet HTML 3Page - Texas Instruments TMS320DM6443_07 Datasheet HTML 4Page - Texas Instruments TMS320DM6443_07 Datasheet HTML 5Page - Texas Instruments TMS320DM6443_07 Datasheet HTML 6Page - Texas Instruments TMS320DM6443_07 Datasheet HTML 7Page - Texas Instruments TMS320DM6443_07 Datasheet HTML 8Page - Texas Instruments TMS320DM6443_07 Datasheet HTML 9Page - Texas Instruments TMS320DM6443_07 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 221 page
background image
www.ti.com
Contents
TMS320DM6443
Digital Media System-on-Chip
SPRS282E – DECEMBER 2005 – REVISED MARCH 2007
1
Digital Media System-on-Chip (DMSoC)
............ 1
6.1
Parameter Information
.............................. 87
6.2
Recommended Clock and Control Signal Transition
1.1
Features
.............................................. 1
Behavior
............................................. 88
1.2
Description
............................................ 2
6.3
Power Supplies
...................................... 88
1.3
Functional Block Diagram
............................ 5
6.4
Reset
................................................ 98
Revision History
............................................... 7
6.5
External Clock Input From MXI/CLKIN Pin
........ 101
2
Device Overview
......................................... 9
6.6
Clock PLLs
......................................... 104
2.1
Device Characteristics
................................ 9
6.7
Interrupts
........................................... 111
2.2
Device Compatibility
................................. 10
6.8
General-Purpose Input/Output (GPIO)
............. 118
2.3
ARM Subsystem
.................................... 10
6.9
Enhanced Direct Memory Access (EDMA)
2.4
DSP Subsystem
..................................... 15
Controller
........................................... 121
2.5
Memory Map Summary
............................. 19
6.10
External Memory Interface (EMIF)
................. 133
2.6
Pin Assignments
.................................... 22
6.11
ATA/CF
............................................ 141
2.7
Terminal Functions
.................................. 27
6.12
MMC/SD/SDIO
..................................... 154
2.8
Device Support
...................................... 56
6.13
Video Processing Sub-System (VPSS) Overview
. 157
3
Device Configurations
................................. 59
6.14
Host-Port Interface (HPI)
........................... 173
3.1
System Module Registers
........................... 59
6.15
USB 2.0
........................................... 176
3.2
Power Considerations
............................... 59
6.16
Universal Asynchronous Receiver/Transmitter
3.3
Bootmode
........................................... 60
(UART)
............................................. 185
3.4
Configurations at Reset
............................. 64
6.17
Serial Port Interface (SPI)
.......................... 188
3.5
Configurations After Reset
.......................... 67
6.18
Inter-Integrated Circuit (I2C)
....................... 192
3.6
Emulation Control
................................... 80
6.19
Audio Serial Port (ASP)
............................ 196
4
System Interconnect
................................... 82
6.20
Ethernet Media Access Controller (EMAC)
........ 200
4.1
System Interconnect Block Diagram
................ 83
6.21
Management Data Input/Output (MDIO)
........... 206
5
Device Operating Conditions
........................ 84
6.22
Timer
............................................... 208
5.1
Absolute Maximum Ratings Over Operating Case
6.23
Pulse Width Modulator (PWM)
..................... 210
Temperature Range
6.24
VLYNQ
............................................. 212
(Unless Otherwise Noted)
.......................... 84
6.25
IEEE 1149.1 JTAG
................................ 216
5.2
Recommended Operating Conditions
............... 85
7
Mechanical Packaging and Orderable
5.3
Electrical Characteristics Over Recommended
Information
............................................. 218
Ranges of Supply Voltage and Operating Case
Temperature (Unless Otherwise Noted)
............ 86
7.1
Thermal Data for ZWT
............................. 218
6
Peripheral and Electrical Specifications
........... 87
7.2
Packaging Information
............................. 218
Contents
6
Submit Documentation Feedback


Similar Part No. - TMS320DM6443_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6443 TI-TMS320DM6443_08 Datasheet
1Mb / 223P
[Old version datasheet]   Digital Media System-on-Chip
More results

Similar Description - TMS320DM6443_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com