Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79630KTTT Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS79630KTTT
Description  ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79630KTTT Datasheet(HTML) 1 Page - Texas Instruments

  TPS79630KTTT Datasheet HTML 1Page - Texas Instruments TPS79630KTTT Datasheet HTML 2Page - Texas Instruments TPS79630KTTT Datasheet HTML 3Page - Texas Instruments TPS79630KTTT Datasheet HTML 4Page - Texas Instruments TPS79630KTTT Datasheet HTML 5Page - Texas Instruments TPS79630KTTT Datasheet HTML 6Page - Texas Instruments TPS79630KTTT Datasheet HTML 7Page - Texas Instruments TPS79630KTTT Datasheet HTML 8Page - Texas Instruments TPS79630KTTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
1
2
3
4
5
6
GND
DCQ PACKAGE
SOT223-6
(TOP VIEW)
NR/FB
OUT
GND
IN
EN
1
KTT (DDPAK) PACKAGE
(TOP VIEW)
2
3
4
5
EN
IN
GND
OUT
NR/FB
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Frequency (Hz)
100
10k
100k
1k
IOUT = 1 mA
TPS79630
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
IOUT = 1.5 A
VIN = 5.5 V
COUT = 2.2 µF
CNR = 0.1 µF
0
10
20
30
40
50
60
70
80
Frequency (Hz)
1
10k
10M
1k
IOUT = 1 mA
TPS79630
RIPPLE REJECTION
vs
FREQUENCY
IOUT = 1 A
VIN = 4 V
COUT = 10 µF
CNR = 0.01 µF
10
100
100k
1M
EN
NC
GND
NR
8
7
6
5
IN
IN
OUT
OUT
1
2
3
4
DRB PACKAGE
3mm x 3mm SON
(TOP VIEW)
TPS796xx
SLVS351I – SEPTEMBER 2002 – REVISED MAY 2006
ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A
LOW-DROPOUT LINEAR REGULATORS
1A Low-Dropout Regulator With Enable
The
TPS796xx
family
of
low-dropout
(LDO)
low-power linear voltage regulators features high
Available in Fixed and Adjustable (1.2V to
power supply rejection ratio (PSRR), ultralow-noise,
5.5V) Versions
fast start-up, and excellent line and load transient
High PSRR (53dB at 10kHz)
responses in small outline, 3
× 3 SON, SOT223-6,
Ultralow-Noise (40
µV
RMS, TPS79630)
and DDPAK-5 packages. Each device in the family is
stable with a small 1
µF ceramic capacitor on the
Fast Start-Up Time (50
µs)
output. The family uses an advanced, proprietary
Stable With a 1
µF Ceramic Capacitor
BiCMOS fabrication process to yield extremely low
Excellent Load/Line Transient Response
dropout voltages (e.g., 250mV at 1A). Each device
achieves fast start-up times (approximately 50
µs with
Very Low Dropout Voltage (250mV at Full
a 0.001
µF bypass capacitor) while consuming very
Load, TPS79630)
low quiescent current (265
µA typical). Moreover,
3
× 3 SON, SOT223-6, and
when the device is placed in standby mode, the
DDPAK-5 Packages
supply current is reduced to less than 1
µA. The
TPS79630 exhibits approximately 40
µV
RMS of output
voltage noise at 3.0V output, with a 0.1
µF bypass
RF: VCOs, Receivers, ADCs
capacitor. Applications with analog components that
are noise sensitive, such as portable RF electronics,
Audio
benefit from the high PSRR, low noise features, and
Bluetooth™, Wireless LAN
the fast response time.
Cellular and Cordless Telephones
Handheld Organizers, PDAs
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Bluetooth is a trademark of Bluetooth SIG, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS79630KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79630KTTT TI-TPS79630KTTT Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79630KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com