Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79633DCQG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79633DCQG4
Description  ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79633DCQG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS79633DCQG4 Datasheet HTML 6Page - Texas Instruments TPS79633DCQG4 Datasheet HTML 7Page - Texas Instruments TPS79633DCQG4 Datasheet HTML 8Page - Texas Instruments TPS79633DCQG4 Datasheet HTML 9Page - Texas Instruments TPS79633DCQG4 Datasheet HTML 10Page - Texas Instruments TPS79633DCQG4 Datasheet HTML 11Page - Texas Instruments TPS79633DCQG4 Datasheet HTML 12Page - Texas Instruments TPS79633DCQG4 Datasheet HTML 13Page - Texas Instruments TPS79633DCQG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
www.ti.com
THERMAL INFORMATION
T
J +
T
A )
P
Dmax x R
θJC ) RθCS ) RθSA
P
D max + VIN(avg)* VOUT(avg)
I
OUT(avg))VIN(avg)
I
(Q)
A
B
C
TJ
A
RθJC
TC
B
RθCS
TA
C
RθSA
(a)
(b)
DDPAK Package
SOT223 Package
CIRCUIT BOARD COPPER AREA
B
A
C
TPS796xx
SLVS351I – SEPTEMBER 2002 – REVISED MAY 2006
dissipation. The temperature rise is computed by
The amount of heat that an LDO linear regulator
multiplying the maximum expected power dissipation
generates is directly proportional to the amount of
by the sum of the thermal resistances between the
power it dissipates during operation. All integrated
junction and the case (RθJC), the case to heatsink
circuits
have
a
maximum
allowable
junction
(RθCS), and the heatsink to ambient (RθSA). Thermal
temperature (TJmax) above which normal operation
resistances are measures of how effectively an
is not assured. A system designer must design the
object dissipates heat. Typically, the larger the
operating environment so that the operating junction
device, the more surface area available for power
temperature (TJ) does not exceed the maximum
dissipation and the lower the object's thermal
junction
temperature
(TJmax).
The
two
main
resistance.
environmental variables that a designer can use to
improve thermal performance are air flow and
Figure 24 illustrates these thermal resistances for (a)
external heatsinks. The purpose of this information is
a SOT223 package mounted in a JEDEC low-K
to aid the designer in determining the proper
board, and (b) a DDPAK package mounted on a
operating environment for a linear regulator that is
JEDEC high-K board.
operating at a specific power level.
Equation 5 summarizes the computation:
In general, the maximum expected power (PD(max))
consumed by a linear regulator is computed as
Equation 4:
(5)
The RθJC is specific to each regulator as determined
(4)
by its package, lead frame, and die size provided in
the regulator's data sheet. The RθSA is a function of
where:
the type and size of heatsink. For example, black
VIN(avg) is the average input voltage.
body radiator type heatsinks can have RθCS values
VOUT(avg) is the average output voltage.
ranging from 5
°C/W for very large heatsinks to
50
°C/W for very small heatsinks. The Rθ
CS
is a
IOUT(avg) is the average output current.
function of how the package is attached to the
I(Q) is the quiescent current.
heatsink. For example, if a thermal compound is
For most TI LDO regulators, the quiescent current is
used to attach a heatsink to a SOT223 package,
insignificant compared to the average output current;
RθCS of 1°C/W is reasonable.
therefore, the term VIN(avg) × I(Q) can be neglected.
The operating junction temperature is computed by
adding
the
ambient
temperature
(TA) and the
increase in temperature due to the regulator's power
Figure 24. Thermal Resistances
10
Submit Documentation Feedback


Similar Part No. - TPS79633DCQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79633DCQ TI-TPS79633DCQ Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633DCQR TI-TPS79633DCQR Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79633DCQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com