Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79650DRBTG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79650DRBTG4
Description  ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79650DRBTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS79650DRBTG4 Datasheet HTML 7Page - Texas Instruments TPS79650DRBTG4 Datasheet HTML 8Page - Texas Instruments TPS79650DRBTG4 Datasheet HTML 9Page - Texas Instruments TPS79650DRBTG4 Datasheet HTML 10Page - Texas Instruments TPS79650DRBTG4 Datasheet HTML 11Page - Texas Instruments TPS79650DRBTG4 Datasheet HTML 12Page - Texas Instruments TPS79650DRBTG4 Datasheet HTML 13Page - Texas Instruments TPS79650DRBTG4 Datasheet HTML 14Page - Texas Instruments TPS79650DRBTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
www.ti.com
RθJAmax + (125 * 55)°C 2.5 W + 28°C W (9)
T
J +
T
A )
P
Dmax x R
θJA
(6)
RθJA +
T
J–TA
P
Dmax
(7)
15
20
25
30
35
40
0.1
1
10
100
Copper Heatsink Area − cm2
No Air Flow
150 LFM
250 LFM
DDPAK Power Dissipation
1 oz. Copper
Power Plane
1 oz. Copper
Ground Plane
2 oz. Copper Solder Pad
with 25 Thermal Vias
Thermal Vias, 0.3 mm
Diameter, 1,5 mm Pitch
P
Dmax +
(5 * 2.5) V x 1 A + 2.5 W
(8)
TPS796xx
SLVS351I – SEPTEMBER 2002 – REVISED MAY 2006
Even if no external black body radiator type heatsink
is attached to the package, the board on which the
regulator is mounted provides some heatsinking
From Figure 25, DDPAK Thermal Resistance vs
through the pin solder connections. Some packages,
Copper Heatsink Area, the ground plane needs to be
like the DDPAK and SOT223 packages, use a
1cm2 for the part to dissipate 2.5W. The operating
copper plane underneath the package or the circuit
environment used in the computer model to construct
board's ground plane for additional heatsinking to
Figure 25 consisted of a standard JEDEC High-K
improve their thermal performance. Computer-aided
board (2S2P) with a 1-oz. internal copper plane and
thermal modeling can be used to compute very
ground plane. The package is soldered to a 2-oz.
accurate approximations of an integrated circuit's
copper pad. The pad is tied through thermal vias to
thermal
performance
in
different
operating
the 1-oz. ground plane. Figure 26 shows the side
environments (e.g., different types of circuit boards,
view of the operating environment used in the
different types and sizes of heatsinks, and different
computer model.
air flows, etc.). Using these models, the three
thermal resistances can be combined into one
thermal resistance between junction and ambient
(RθJA). This RθJA is valid only for the specific
operating environment used in the computer model.
Equation 5 simplifies into Equation 6:
Rearranging Equation 6 gives Equation 7:
Using Equation 6 and the computer model generated
curves shown in Figure 25 and Figure 28, a designer
can quickly compute the required heatsink thermal
resistance/board
area
for
a
given
ambient
temperature,
power
dissipation,
and
operating
environment.
Figure 25. DDPAK Thermal Resistance vs Copper
Heatsink Area
The DDPAK package provides an effective means of
managing
power
dissipation
in
surface
mount
applications. The DDPAK package dimensions are
provided in the Mechanical Data section at the end
of the data sheet. The addition of a copper plane
directly underneath the DDPAK package enhances
the thermal performance of the package.
To illustrate, the TPS72525 in a DDPAK package
was chosen. For this example, the average input
voltage is 5V, the output voltage is 2.5V, the average
output current is 1A, the ambient temperature 55
°C,
the
air
flow
is
150
LFM,
and
the
operating
environment is the same as documented below.
Neglecting the quiescent current, the maximum
Figure 26. DDPAK Thermal Resistance
average power is calculated as Equation 8:
From
the
data
in
Figure
27
and
rearranging
Substituting TJmax for TJ into Equation 6 gives
Equation 6, the maximum power dissipation for a
Equation 9:
different ground plane area and a specific ambient
temperature can be computed.
11
Submit Documentation Feedback


Similar Part No. - TPS79650DRBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79650 TI1-TPS79650 Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results

Similar Description - TPS79650DRBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com