Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA8246AHQ Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA8246AHQ
Description  Dual Audio Power Amplifier 6 W 횞 2 Ch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8246AHQ Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA8246AHQ Datasheet HTML 3Page - Toshiba Semiconductor TA8246AHQ Datasheet HTML 4Page - Toshiba Semiconductor TA8246AHQ Datasheet HTML 5Page - Toshiba Semiconductor TA8246AHQ Datasheet HTML 6Page - Toshiba Semiconductor TA8246AHQ Datasheet HTML 7Page - Toshiba Semiconductor TA8246AHQ Datasheet HTML 8Page - Toshiba Semiconductor TA8246AHQ Datasheet HTML 9Page - Toshiba Semiconductor TA8246AHQ Datasheet HTML 10Page - Toshiba Semiconductor TA8246AHQ Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TA8246AHQ
30
VCC = 20 V
f
= 1 kHz
R
= 8 Ω
V
= 0.775 Vrms
L
out
100
300
1 k
3 k
10 k
30 k
100 k
−50
−60
−70
−40
−30
−20
−10
0
THD
= 1%
0
6
4
2
8
Dual
f
= 1 kHz
RL = 8 Ω
10
12
0
8
10
16
12
14
6
2
4
16
18
14
10%
VCC = 28 V
20 V
12 V
0
20
6
4
2
8
f
= 1 kHz
RL = 8 Ω
10
12
8
32
14
24
28
16
20
12
16
18
0
180
60
40
20
80
VCC = 20 V
VIN = 0
100
120
−40
100
140
40
60
0
20
−20
160
80
0
0.3
0.2
0.1
0.4
VCC = 20 V
Rg = 10 kΩ
0.5
0.6
−40
100
0.7
40
60
0
20
−20
0.8
80
0.01
0.03
0.1
VCC = 20 V
RL = 8 Ω
f
= 1 kHz
Pout = 2 W
Dual
−40
100
40
60
0
20
−20
80
0.05
0.3
1
0.5
3
10
5
Ambient temperature
Ta
(°C)
Supply voltage
VCC (V)
Signal source resistance
Rg (Ω)
Output power
Pout (W)
THD – Ta
Vno – Ta
ICCQ – Ta
PD MAX – VCC
PD – Pout
C.T. – Rg
Ambient temperature
Ta
(°C)
Ambient temperature
Ta
(°C)
2004-07-12
8


Similar Part No. - TA8246AHQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8246AH TOSHIBA-TA8246AH Datasheet
355Kb / 10P
   DUAL AUDIO POWER AMPLIFIER 6W x 2CH
TA8246AH TOSHIBA-TA8246AH Datasheet
192Kb / 11P
   Dual Audio Power Amplifier 6 W 횞 2 Ch
TA8246AH TOSHIBA-TA8246AH_02 Datasheet
192Kb / 11P
   Dual Audio Power Amplifier 6 W 횞 2 Ch
More results

Similar Description - TA8246AHQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8246AH TOSHIBA-TA8246AH_02 Datasheet
192Kb / 11P
   Dual Audio Power Amplifier 6 W 횞 2 Ch
TA8256BH TOSHIBA-TA8256BH_02 Datasheet
212Kb / 11P
   Audio Power Amplifier 6 W 횞 3 Ch
logo
Unisonic Technologies
PA1517 UTC-PA1517 Datasheet
209Kb / 7P
   2 횞 6 W STEREO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1011 PHILIPS-TDA1011 Datasheet
304Kb / 14P
   2 to 6 W audio power amplifier
November 1982
logo
Hitachi Semiconductor
HA1394 HITACHI-HA1394 Datasheet
448Kb / 6P
   DUAL 6 TO 8 W AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8276H TOSHIBA-TA8276H Datasheet
249Kb / 14P
   Max Power 35 W BTL 횞 4 ch Audio Power IC
TA8276HQ TOSHIBA-TA8276HQ Datasheet
258Kb / 14P
   Max Power 35 W BTL 횞 4 ch Audio Power IC
TB2902HQ TOSHIBA-TB2902HQ Datasheet
446Kb / 38P
   Maximum Power 41 W BTL 횞 4-ch Audio Power IC
logo
NXP Semiconductors
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
   2 x 6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
   2 x 6 W hi-fi audio power amplifier
1995 May 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com