Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2471CDG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV2471CDG4
Description  FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2471CDG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2471CDG4 Datasheet HTML 2Page - Texas Instruments TLV2471CDG4 Datasheet HTML 3Page - Texas Instruments TLV2471CDG4 Datasheet HTML 4Page - Texas Instruments TLV2471CDG4 Datasheet HTML 5Page - Texas Instruments TLV2471CDG4 Datasheet HTML 6Page - Texas Instruments TLV2471CDG4 Datasheet HTML 7Page - Texas Instruments TLV2471CDG4 Datasheet HTML 8Page - Texas Instruments TLV2471CDG4 Datasheet HTML 9Page - Texas Instruments TLV2471CDG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
OPERATING CHARACTERISTICS
TLV2470
,, TLV2471
TLV2472, TLV2473
TLV2474, TLV2475, TLV247xA
SLOS232D – JUNE 1999 – REVISED FEBRUARY 2007
At specified free-air temperature, V
DD = 3V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
TA(1)
MIN
TYP
MAX
UNIT
25
°C
74
90
VDD = 2.7V to 6V, VIC = VDD/2, No load
Full range
66
Supply voltage rejection ratio
kSVR
dB
(
∆V
DD/∆VIO)
25
°C
77
92
VDD = 3V to 5V, VIC = VDD/2, No load
Full range
68
25
°C
550
750
IDD
Supply current (per channel)
VO = 1.5V, No load
µA
Full range
800
25
°C
350
1500
Supply current in shutdown
IDD(SHDN)
mode (TLV2470, TLV2473,
TLV247xC
Full range
2000
nA
SHDN = 0V
TLV2475) (per channel)
TLV247xI
Full range
4000
(1)
Full range is 0
°C to +70°C for C-suffix and –40°C to +125°C for I-suffix. If not specified, full range is –40°C to +125°C.
At specified free-air temperature, V
DD = 3V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
TA(1)
MIN
TYP
MAX
UNIT
25
°C
1.1
1.4
SR
Slew rate at unity gain
VO(PP) = 0.8V, CL = 150pF, RL= 10kΩ
V/
µs
Full range
0.6
f = 100Hz
25
°C
28
Equivalent input noise
Vn
nV/
√Hz
voltage
f = 1kHz
25
°C
15
Equivalent input noise
In
f = 1kHz
25
°C
0.405
pA/
√Hz
current
AV = 1
0.02%
VO(PP) = 2V,
Total harmonic
THD+N
RL= 10kΩ,
AV = 10
25
°C
0.1%
distortion plus noise
f = 1kHz
AV = 100
0.5%
t(on)
Amplifier turn-on time
25
°C
5
µs
RL= OPEN(2)
t(off)
Amplifier turn-off time
25
°C
250
ns
Gain-bandwidth
f = 10kHz, RL = 600Ω
25
°C
2.8
MHz
product
V(STEP)PP = 2V,
0.1%
1.5
AV = –1, CL = 10pF,
0.01%
3.9
RL = 10kΩ
ts
Settling time
25
°C
µs
V(STEP)PP = 2V,
0.1%
1.6
AV = –1, CL = 56pF,
0.01%
4
RL = 10kΩ
φ
m
Phase margin
RL = 10kΩ, CL = 1000pF
25
°C
61
°
Gain margin
RL = 10kΩ, CL = 1000pF
25
°C
15
dB
(1)
Full range is 0
°C to +70°C for C-suffix and –40°C to +125°C for I-suffix. If not specified, full range is –40°C to +125°C.
(2)
Disable and enable time are defined as the interval between application of logic signal to SHDN and the point at which the supply
current has reached half its final value.
6
Submit Documentation Feedback


Similar Part No. - TLV2471CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2471CDG4 TI-TLV2471CDG4 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2471CDG4 TI1-TLV2471CDG4 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2471CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470 Datasheet
1Mb / 41P
[Old version datasheet]   FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
901Kb / 32P
[Old version datasheet]   FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com