Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT221 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT221
Description  High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT221 Datasheet(HTML) 2 Page - Texas Instruments

  CD74HCT221 Datasheet HTML 1Page - Texas Instruments CD74HCT221 Datasheet HTML 2Page - Texas Instruments CD74HCT221 Datasheet HTML 3Page - Texas Instruments CD74HCT221 Datasheet HTML 4Page - Texas Instruments CD74HCT221 Datasheet HTML 5Page - Texas Instruments CD74HCT221 Datasheet HTML 6Page - Texas Instruments CD74HCT221 Datasheet HTML 7Page - Texas Instruments CD74HCT221 Datasheet HTML 8Page - Texas Instruments CD74HCT221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
Functional Diagram
TRUTH TABLE
INPUTS
OUTPUTS
AB
RQ
Q
HXH
L
H
XL
H
L
H
L
H
HH
XX
L
L
H
LH
(Note 3)
(Note 3)
H = High Voltage Level, L = Low Voltage Level, X = Irrelevant,
↑ = Transition from
Low to High Level, ↓ = Transition from High to Low Level,
= One High Level
Pulse,
= One Low Level Pulse
NOTE:
1. For this combination the reset input must be low and the following sequence
must be used: pin 1 (or 9) must be set high or pin 2 (or 10) set low; then pin 1
(or 9) must be low and pin 2 (or 10) set high. Now the reset input goes from low-
to-high and the device will be triggered.
2R
11
2A
9
10
5
12
2Q
2Q
2B
MONO 2
VCC
67
2CX
2CXRX
1R
3
1A
2
1
13
4
1Q
1Q
1B
MONO 1
VCC
14
15
1CX
1CXRX
1CX
1RX
2CX
2RX
CD54HC221, CD74HC221, CD74HCT221


Similar Part No. - CD74HCT221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT221 TI-CD74HCT221 Datasheet
65Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HCT221 TI-CD74HCT221 Datasheet
379Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HCT221 TI-CD74HCT221 Datasheet
665Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HCT221E TI-CD74HCT221E Datasheet
65Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HCT221E TI-CD74HCT221E Datasheet
379Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
More results

Similar Description - CD74HCT221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC221 TI-CD54HC221 Datasheet
379Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221 TI-CD74HC221 Datasheet
65Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HC221 TI-CD54HC221_08 Datasheet
665Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HCT4538 TI-CD54HCT4538 Datasheet
382Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538 Datasheet
64Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538_07 Datasheet
526Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD74HC4538-Q1 TI1-CD74HC4538-Q1 Datasheet
341Kb / 16P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DUAL RETRIGGERABLE PRECISION MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com