Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC221PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC221PW
Description  High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC221PW Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC221PW Datasheet HTML 1Page - Texas Instruments CD74HC221PW Datasheet HTML 2Page - Texas Instruments CD74HC221PW Datasheet HTML 3Page - Texas Instruments CD74HC221PW Datasheet HTML 4Page - Texas Instruments CD74HC221PW Datasheet HTML 5Page - Texas Instruments CD74HC221PW Datasheet HTML 6Page - Texas Instruments CD74HC221PW Datasheet HTML 7Page - Texas Instruments CD74HC221PW Datasheet HTML 8Page - Texas Instruments CD74HC221PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS166F
Features
• Overriding RESET Terminates Output Pulse
• Triggering from the Leading or Trailing Edge
• Q and Q Buffered Outputs
• Separate Resets
• Wide Range of Output-Pulse Widths
• Schmitt Trigger on B Inputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Pinout
CD54HC221
(CERDIP)
CD74HC221
(PDIP, SOIC, SOP, TSSOP)
CD74HCT221
(PDIP, SOIC)
TOP VIEW
Description
The ’HC221 and CD74HCT221 are dual monostable
multivibrators with reset. An external resistor (RX) and an
external capacitor (CX) control the timing and the accuracy
for the circuit. Adjustment of RX and CX provides a wide
range of output pulse widths from the Q and Q terminals.
Pulse triggering on the B input occurs at a particular voltage
level and is not related to the rise and fall time of the trigger
pulse.
Once triggered, the outputs are independent of further trigger
inputs on A and B. The output pulse can be terminated by a
LOW level on the Reset (R) pin. Trailing Edge triggering (A)
and leading-edge-triggering (B) inputs are provided for
triggering from either edge of the input pulse. On power up,
the IC is reset. If either Mono is not used each input (on the
unused device) must be terminated either high or low.
The minimum value of external resistance, RX, is typically 500Ω.
The minimum value of external capacitance, CX, is 0pF. The
calculation for the pulse width is tW = 0.7 RXCX at VCC = 4.5V.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
1A
1B
1R
1Q
2Q
2CX
GND
2CXRX
VCC
1CX
1Q
2Q
2R
2B
2A
1CXRX
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CD54HC221F3A
-55 to 125
16 Ld CERDIP
CD74HC221E
-55 to 125
16 Ld PDIP
CD74HC221M
-55 to 125
16 Ld SOIC
CD74HC221MT
-55 to 125
16 Ld SOIC
CD74HC221M96
-55 to 125
16 Ld SOIC
CD74HC221NSR
-55 to 125
16 Ld SOP
CD74HC221PW
-55 to 125
16 Ld TSSOP
CD74HC221PWR
-55 to 125
16 Ld TSSOP
CD74HC221PWT
-55 to 125
16 Ld TSSOP
CD74HCT221E
-55 to 125
16 Ld PDIP
CD74HCT221M
-55 to 125
16 Ld SOIC
CD74HCT221MT
-55 to 125
16 Ld SOIC
CD74HCT221M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
November 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC221, CD74HC221,
CD74HCT221
High-Speed CMOS Logic
Dual Monostable Multivibrator with Reset
[ /Title
(CD74
HC221
,
CD74
HCT22
1)
/Sub-
ject
(High
Speed
CMOS
Logic
Dual
Monos
table
Multi-


Similar Part No. - CD74HC221PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC221PW TI-CD74HC221PW Datasheet
379Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221PW TI-CD74HC221PW Datasheet
665Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221PW TI1-CD74HC221PW Datasheet
783Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic
CD74HC221PWE4 TI-CD74HC221PWE4 Datasheet
665Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221PWG4 TI-CD74HC221PWG4 Datasheet
665Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
More results

Similar Description - CD74HC221PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC221 TI-CD54HC221 Datasheet
379Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221 TI-CD74HC221 Datasheet
65Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HC221 TI-CD54HC221_08 Datasheet
665Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HCT4538 TI-CD54HCT4538 Datasheet
382Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538 Datasheet
64Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538_07 Datasheet
526Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD74HC4538-Q1 TI1-CD74HC4538-Q1 Datasheet
341Kb / 16P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DUAL RETRIGGERABLE PRECISION MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com