Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6182 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS6182
Description  LOW-POWER DISSIPATION ADSL LINE DRIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6182 Datasheet(HTML) 1 Page - Texas Instruments

  THS6182 Datasheet HTML 1Page - Texas Instruments THS6182 Datasheet HTML 2Page - Texas Instruments THS6182 Datasheet HTML 3Page - Texas Instruments THS6182 Datasheet HTML 4Page - Texas Instruments THS6182 Datasheet HTML 5Page - Texas Instruments THS6182 Datasheet HTML 6Page - Texas Instruments THS6182 Datasheet HTML 7Page - Texas Instruments THS6182 Datasheet HTML 8Page - Texas Instruments THS6182 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
www.ti.com
FEATURES
DESCRIPTION
TYPICAL ADSL CO-LINE DRIVER CIRCUIT
APPLICATIONS
+
THS6182a
+12 V
−12 V
+
1:1.2
−12 V
+12V
8.68
100
1 k
1 k
1.33 k
1.33 k
953
CODEC
V
IN−
CODEC
V
IN+
8.68
20-dBm
Line
Power
THS6182b
THS6182
SLLS544G – SEPTEMBER 2002 – REVISED NOVEMBER 2004
LOW-POWER DISSIPATION ADSL LINE DRIVER
Low-Power Dissipation Increases ADSL Line
The THS6182 is a current feedback differential line
Card Density
driver ideal for full rate ADSL systems. Its extremely
low-power dissipation is ideal for ADSL systems that
Low THD of -88 dBc (100
Ω, 1 MHz)
must achieve high densities in ADSL central office
Low MTPR Driving +20 dBm on the Line
rack applications. The unique architecture of the
– -76 dBc With High Bias Setting
THS6182 allows the quiescent current to be much
lower than existing line drivers while still achieving
– -74 dBc With Low Bias Setting
high linearity without the need for excess open loop
Wide Output Swing of 44 VPP Differential Into
gain. Fixed multiple bias settings of the amplifiers
a 200-
Ω Differential Load (V
CC = ±12 V)
allow for enhanced power savings for line lengths
High Output Current of 600 mA (Typ)
where the full performance of the amplifier is not
required. To allow for even more flexibility and power
Wide Supply Voltage Range of ±5 V to ±15 V
savings, an IADJ pin is available to further lower the
Pin Compatible with EL1503C and EL1508C
bias currents while maintaining stable operation with
– Multiple Package Options
as little as 1.8 mA per channel. The wide output
swing of 44 Vpp differentially with ±12-V power
Multiple Power Control Modes
supplies allows for more dynamic headroom, keeping
– 11 mA/ch Full Bias Mode
distortion at a minimum. With a low 3.2 nV/
√Hz
– 7.5 mA/ch Mid Bias Mode
voltage noise coupled with a low 10 pA/
√Hz inverting
– 4 mA/ch Low Bias Mode
current noise, the THS6182 increases the sensitivity
of the receive signals, allowing for better margins and
– 0.25 mA/ch Shutdown Mode
reach.
– IADJ Pin for User Controlled Bias Current
– Stable Operation Down to 1.8 mA/ch
USING ACTIVE IMPEDANCE
Low Noise for Increased Receiver Sensitivity
– 3.2 nV/
√Hz Voltage Noise
– 1.5 pA/
√Hz Noninverting Current Noise
– 10 pA/
√Hz Inverting Current Noise
Ideal for Full Rate ADSL Applications
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS6182

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6182 TI-THS6182 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
THS6182D TI-THS6182D Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
THS6182DG4 TI-THS6182DG4 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
THS6182DR TI-THS6182DR Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
THS6182DRG4 TI-THS6182DRG4 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
More results

Similar Description - THS6182

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6182 TI-THS6182_08 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6032 TI-THS6032 Datasheet
496Kb / 31P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
logo
XFMRS Inc.
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
logo
Motorola, Inc
MC03AX1456CO MOTOROLA-MC03AX1456CO Datasheet
89Kb / 3P
   ADSL Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com