Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6182DRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # THS6182DRG4
Description  LOW-POWER DISSIPATION ADSL LINE DRIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6182DRG4 Datasheet(HTML) 2 Page - Texas Instruments

  THS6182DRG4 Datasheet HTML 1Page - Texas Instruments THS6182DRG4 Datasheet HTML 2Page - Texas Instruments THS6182DRG4 Datasheet HTML 3Page - Texas Instruments THS6182DRG4 Datasheet HTML 4Page - Texas Instruments THS6182DRG4 Datasheet HTML 5Page - Texas Instruments THS6182DRG4 Datasheet HTML 6Page - Texas Instruments THS6182DRG4 Datasheet HTML 7Page - Texas Instruments THS6182DRG4 Datasheet HTML 8Page - Texas Instruments THS6182DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
www.ti.com
PACKAGE DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
THS6182
SLLS544G – SEPTEMBER 2002 – REVISED NOVEMBER 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE CODE
SYMBOL
ORDER NUMBER
TRANSPORT MEDIA
Tape and reel
THS6182RHFR
(3000 devices)
Leadless 24-pin
THS6182RHF
RHF-24
6182
4, mm x 5, mm PowerPAD™
Tape and reel
THS6182RHFT
(250 devices)
THS6182D
Tube (40 devices)
THS6182D
SOIC-16
D-16
THS6182
Tape and reel
THS6832DR
(2500 devices)
THS6182DW
Tube (25 devices)
THS6182DW
SOIC-20
DW-20
THS6182
Tape and reel
THS6182DWR
(2000 devices)
THS6182DWP
Tube (25 devices)
THS6182DWP
SOIC-20 PowerPAD
DWP-20
THS6182
Tape and reel
THS6182DWPR
(2000 devices)
PowerPAD SOLDERED(2)
PowerPAD NOT SOLDERED(3)
PACKAGE
θ
JC
θ
JA
θ
JC
RHF-24(2)
32°C/W
74°C/W
1.7°C/W
D-16
--
62.9°C/W
25.7°C/W
DW-20
--
45.4°C/W
16.4°C/W
DWP-20(2)
21.5°C/W
43.9°C/W
0.37°C/W
(1)
θ
JA values shown are typical for standard test PCBs only.
(2)
For high-power dissipation applications, use of the PowerPAD package with the PowerPad on the underside of the chip. This acts as a
heatsink and must be connected to a thermally dissipating plane for proper dissipation. Failure to do so may result in exceeding the
maximum junction temperature which could permanently damage and/or reduce the lifetime the device. See TI technical brief SLMA002
for more information about utilizing the PowerPAD thermally enhanced package.
(3)
Use of packages without the PowerPAD or not soldering the PowerPAD to the PCB, should be limited to low-power dissipation
applications.
MIN NOM
MAX UNIT
Dual supply
±5
±12
±15
VCC+to VCC-
Supply voltage
V
Single supply
10
24
30
2


Similar Part No. - THS6182DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6182DRG4 TI-THS6182DRG4 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
More results

Similar Description - THS6182DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6182 TI-THS6182_08 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER DISSIPATION ADSL LINE DRIVER
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6032 TI-THS6032 Datasheet
496Kb / 31P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
logo
XFMRS Inc.
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4 XFMRS-XF0053-AD4 Datasheet
60Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4S XFMRS-XF0053-AD4S Datasheet
62Kb / 1P
   ADSL LINE DRIVER
XF0053-AD4MS XFMRS-XF0053-AD4MS Datasheet
62Kb / 1P
   ADSL LINE DRIVER
logo
Motorola, Inc
MC03AX1456CO MOTOROLA-MC03AX1456CO Datasheet
89Kb / 3P
   ADSL Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com