Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-7884 Datasheet(PDF) 2 Page - California Eastern Labs

Part # MC-7884
Description  870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

MC-7884 Datasheet(HTML) 2 Page - California Eastern Labs

  MC-7884 Datasheet HTML 1Page - California Eastern Labs MC-7884 Datasheet HTML 2Page - California Eastern Labs MC-7884 Datasheet HTML 3Page - California Eastern Labs MC-7884 Datasheet HTML 4Page - California Eastern Labs MC-7884 Datasheet HTML 5Page - California Eastern Labs MC-7884 Datasheet HTML 6Page - California Eastern Labs MC-7884 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC-7884
RECOMMENDED OPERATING CONDITIONS (ZS = ZL = 75
Ω)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Supply Voltage
VDD
23.5
24.0
24.5
V
Input Voltage
Vi
110 channel,
10 dB tilted across the band
29.0
32.0
dBmV
Operating Case Temperature
TC
−30
+25
+85
°C
ELECTRICAL CHARACTERISTICS (TC = 30
±5°C, VDD = 24 V, ZS = ZL = 75 Ω)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Linear Gain
GL
f = 870 MHz
25.0
26.0
dB
Gain Slope
GSlope
f = 40 to 870 MHz
1.0
1.4
1.8
dB
Gain Flatness
GFlatness
f = 40 to 870 MHz, Peak to valley
0.6
dB
Noise Figure 1
NF1
f = 50 MHz
5.0
dB
Noise Figure 2
NF2
f = 870 MHz
5.5
dB
Operating Current
IDD
RF OFF
310
360
mA
Composite Triple Beat
CTB
110 channel,
−60
dBc
Cross Modulation
XM
VO = 52 dBmV at 745.25 MHz,
−55
dBc
Composite 2nd Order Beat
CSO
10 dB tilted across the band
−63
dBc
Input Return Loss 1
RLi1
f = 40 to 160 MHz
20
dB
Input Return Loss 2
RLi2
f = 160 to 320 MHz
20
dB
Input Return Loss 3
RLi3
f = 320 to 640 MHz
19
dB
Input Return Loss 4
RLi4
f = 640 to 870 MHz
17
dB
Output Return Loss 1
RLo1
f = 40 to 160 MHz
20
dB
Output Return Loss 2
RLo2
f = 160 to 320 MHz
20
dB
Output Return Loss 3
RLo3
f = 320 to 640 MHz
19
dB
Output Return Loss 4
RLo4
f = 640 to 870 MHz
18
dB
Data Sheet PG10316EJ02V0DS
2


Similar Part No. - MC-7884

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7884 CEL-MC-7884 Datasheet
82Kb / 2P
   NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER
logo
NEC
MC-7884 NEC-MC-7884 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
logo
Renesas Technology Corp
MC-7884 RENESAS-MC-7884 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2002
logo
Quanzhou Jinmei Electro...
MC-7884 JMNIC-MC-7884_15 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
More results

Similar Description - MC-7884

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
MC-7847_2015 JMNIC-MC-7847_2015 Datasheet
41Kb / 6P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7847 CEL-MC-7847 Datasheet
291Kb / 7P
   870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
ANADIGICS, Inc
ACA3748 ANADIGICS-ACA3748 Datasheet
433Kb / 4P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
Skyworks Solutions Inc.
ACA3748 SKYWORKS-ACA3748 Datasheet
531Kb / 6P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
ANADIGICS, Inc
ACA3747 ANADIGICS-ACA3747 Datasheet
607Kb / 6P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
California Eastern Labs
MC-7847-KC CEL-MC-7847-KC_07 Datasheet
229Kb / 3P
   NECs 870 MHz GaAs CATV 25 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7845_2015 JMNIC-MC-7845_2015 Datasheet
41Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7846_2015 JMNIC-MC-7846_2015 Datasheet
41Kb / 6P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7881 CEL-MC-7881 Datasheet
290Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7882 CEL-MC-7882 Datasheet
290Kb / 7P
   870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com