Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2264MJB Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC2264MJB
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2264MJB Datasheet(HTML) 2 Page - Texas Instruments

  TLC2264MJB Datasheet HTML 1Page - Texas Instruments TLC2264MJB Datasheet HTML 2Page - Texas Instruments TLC2264MJB Datasheet HTML 3Page - Texas Instruments TLC2264MJB Datasheet HTML 4Page - Texas Instruments TLC2264MJB Datasheet HTML 5Page - Texas Instruments TLC2264MJB Datasheet HTML 6Page - Texas Instruments TLC2264MJB Datasheet HTML 7Page - Texas Instruments TLC2264MJB Datasheet HTML 8Page - Texas Instruments TLC2264MJB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
TLC226x, TLC226xA
Advanced LinCMOS
 RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS177D – FEBRUARY 1997 – REVISED MARCH 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLC2262 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
TSSOP
(PW)
CERAMIC
FLATPACK
(U)
0
°C to 70°C
2.5 mV
TLC2262CD
TLC2262CP
TLC2262CPW
40
°Cto125°C
950
µV
TLC2262AID
TLC2262AIP
TLC2262AIPW
– 40
°C to 125°C
µ
2.5 mV
TLC2262ID
TLC2262IP
40
°Cto125°C
950
µV
TLC2262AQD
– 40
°C to 125°C
µ
2.5 mV
TLC2262QD
– 55
°C to 125°C
950
µV
2.5 mV
TLC2262AMFK
TLC2262MFK
TLC2262AMJG
TLC2262MJG
TLC2262AMU
TLC2262MU
The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC2262CDR). The PW package is available only left-end taped
and reeled. Chips are tested at 25
°C.
TLC2264 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
PLASTIC
DIP
(N)
TSSOP
(PW)
CERAMIC
FLATPACK
(W)
0
°C to 70°C
2.5 mV
TLC2264CD
TLC2264CN
TLC2264CPW
40
°Cto125°C
950
µV
TLC2264AID
TLC2264AIN
TLC2264AIPW
– 40
°C to 125°C
µ
2.5 mV
TLC2264ID
TLC2264IN
40
°Cto125°C
950
µV
TLC2264AQD
– 40
°C to 125°C
µ
2.5 mV
TLC2264QD
– 55
°C to 125°C
950
µV
2.5 mV
TLC2264AMFK
TLC2264MFK
TLC2264AMJ
TLC2264MJ
TLC2264AMW
TLC2264MW
The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC2264CDR). The PW package is available only left-end taped
and reeled. Chips are tested at 25
°C.


Similar Part No. - TLC2264MJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2264MJB TI-TLC2264MJB Datasheet
1Mb / 75P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2264MJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com