Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APBD3224ESGC-F01 Datasheet(PDF) 3 Page - Kingbright Corporation

Part # APBD3224ESGC-F01
Description  3.2x2.4mm SMD CHIP LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APBD3224ESGC-F01 Datasheet(HTML) 3 Page - Kingbright Corporation

  APBD3224ESGC-F01 Datasheet HTML 1Page - Kingbright Corporation APBD3224ESGC-F01 Datasheet HTML 2Page - Kingbright Corporation APBD3224ESGC-F01 Datasheet HTML 3Page - Kingbright Corporation APBD3224ESGC-F01 Datasheet HTML 4Page - Kingbright Corporation APBD3224ESGC-F01 Datasheet HTML 5Page - Kingbright Corporation APBD3224ESGC-F01 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPEC NO: DSAF1337
REV NO: V.3
DATE: MAY/08/2007
PAGE: 3 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203000867
APBD3224ESGC-F01
High Efficiency Red


Similar Part No. - APBD3224ESGC-F01

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APBD3224ESGC-F01 TO-GRACE-APBD3224ESGC-F01 Datasheet
961Kb / 4P
   3.2 x 2.4 mm SMD Chip LED Lamp
More results

Similar Description - APBD3224ESGC-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APBD3224ESGC KINGBRIGHT-APBD3224ESGC Datasheet
122Kb / 4P
   3.2x2.4mm SMD CHIP LED LAMP
APD3224ZGC-F01 KINGBRIGHT-APD3224ZGC-F01 Datasheet
303Kb / 5P
   3.2x2.4mm SMD CHIP LED LAMP
APD3224ZGC-F01 KINGBRIGHT-APD3224ZGC-F01_15 Datasheet
238Kb / 5P
   3.2x2.4mm SMD CHIP LED LAMP
APD3224MGC-F01 KINGBRIGHT-APD3224MGC-F01 Datasheet
122Kb / 4P
   3.2x2.4mm SMD CHIP LED LAMP
APD3224PBC-A-F01 KINGBRIGHT-APD3224PBC-A-F01 Datasheet
286Kb / 5P
   3.2x2.4mm SMD CHIP LED LAMP
APD3224SEC-F01 KINGBRIGHT-APD3224SEC-F01 Datasheet
121Kb / 4P
   3.2x2.4mm SMD CHIP LED LAMP
APD3224SGC-F01 KINGBRIGHT-APD3224SGC-F01 Datasheet
280Kb / 5P
   3.2x2.4mm SMD CHIP LED LAMP
APD3224SURC-F01 KINGBRIGHT-APD3224SURC-F01 Datasheet
121Kb / 4P
   3.2x2.4mm SMD CHIP LED LAMP
APD3224VGC-A-F01 KINGBRIGHT-APD3224VGC-A-F01 Datasheet
302Kb / 5P
   3.2x2.4mm SMD CHIP LED LAMP
APD3224VGC-Z-F01 KINGBRIGHT-APD3224VGC-Z-F01 Datasheet
300Kb / 5P
   3.2x2.4mm SMD CHIP LED LAMP
logo
SunLED Corporation
ZVG78W SUNLED-ZVG78W Datasheet
194Kb / 4P
   3.2x2.4mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com