Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7807UBE4 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7807UBE4
Description  Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7807UBE4 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS7807UBE4 Datasheet HTML 1Page - Burr-Brown (TI) ADS7807UBE4 Datasheet HTML 2Page - Burr-Brown (TI) ADS7807UBE4 Datasheet HTML 3Page - Burr-Brown (TI) ADS7807UBE4 Datasheet HTML 4Page - Burr-Brown (TI) ADS7807UBE4 Datasheet HTML 5Page - Burr-Brown (TI) ADS7807UBE4 Datasheet HTML 6Page - Burr-Brown (TI) ADS7807UBE4 Datasheet HTML 7Page - Burr-Brown (TI) ADS7807UBE4 Datasheet HTML 8Page - Burr-Brown (TI) ADS7807UBE4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADS7807
3
SBAS022C
www.ti.com
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = –40°C to +85°C, fS = 40kHz, VDIG = VANA = +5V, and using internal reference and fixed resistors (see Figure 7b), unless otherwise specified.
ADS7807P, U
ADS7807PB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
AC ACCURACY
Spurious-Free Dynamic Range
fIN = 1kHz, ±10V
90
100
96
dB(6)
Total Harmonic Distortion
fIN = 1kHz, ±10V
–100
–90
–96
dB
Signal-to-(Noise + Distortion)
fIN = 1kHz, ±10V
83
88
86
dB
–60dB Input
30
32
dB
Signal-to-Noise
fIN = 1kHz, ±10V
83
88
86
dB
Usable Bandwidth(7)
130
kHz
Full-Power Bandwidth (–3dB)
600
kHz
SAMPLING DYNAMICS
Aperture Delay
40
ns
Aperture Jitter
20
ps
Transient Response
FS Step
5
µs
Over-Voltage Recovery(8)
750
ns
REFERENCE
Internal Reference Voltage
No Load
2.48
2.5
2.52
✻✻
V
Internal Reference Source Current
1
µA
(Must use external buffer.)
Internal Reference Drift
8
ppm/
°C
External Reference Voltage Range
2.3
2.5
2.7
✻✻
V
for Specified Linearity
External Reference Current Drain
External 2.5000V Ref
100
µA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
✻✻
V
VIH(9)
+2.0
VD + 0.3V
✻✻
V
IIL
VIL = 0V
±10
µA
IIH
VIH = 5V
±10
µA
DIGITAL OUTPUTS
Parallel 16 bits in 2-bytes; Serial
Data Format
Binary Two’s Complement or Straight Binary
Data Coding
VOL
ISINK = 1.6mA
+0.4
V
VOH
ISOURCE = 500µA+4
V
Leakage Current
High-Z State,
±5
µA
VOUT = 0V to VDIG
Output Capacitance
High-Z State
15
pF
DIGITAL TIMING
Bus Access Time
RL = 3.3kΩ, CL = 50pF
83
ns
Bus Relinquish Time
RL = 3.3kΩ, CL = 10pF
83
ns
POWER SUPPLIES
Specified Performance
VDIG
Must be
≤ V
ANA
+4.75
+5
+5.25
✻✻
V
VANA
+4.75
+5
+5.25
✻✻
V
IDIG
0.6
mA
IANA
5.0
mA
Power Dissipation
VANA = VDIG = 5V, fS = 40kHz
28
35
✻✻
mW
REFD HIGH
23
mW
PWRD and REFD HIGH
50
µW
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C
Derated Performance
–55
+125
✻✻
°C
Storage
–65
+150
✻✻
°C
Thermal Resistance (
θ
JA)
DIP
75
°C/W
SO
75
°C/W
✻ Same specifications as ADS7807P, U.
NOTES: (1) LSB means Least Significant Bit. One LSB for the
±10V input range is 305µV. (2) Typical rms noise at worst-case transition. (3) As measured with
fixed resistors, see Figure 7b. Adjustable to zero with external potentiometer. (4) Full-scale error is the worst case of –Full-Scale or +Full-Scale untrimmed deviation
from ideal first and last code transitions, divided by the transition voltage (not divided by the full-scale range) and includes the effect of offset error. (5) This is the
time delay after the ADS7807 is brought out of Power-Down mode until all internal settling occurs and the analog input is acquired to rated accuracy. A Convert
command after this delay will yield accurate results. (6) All specifications in dB are referred to a full-scale input. (7) Usable bandwidth defined as full-scale input
frequency at which Signal-to-(Noise + Distortion) degrades to 60dB. (8) Recovers to specified performance after 2 • FS input overvoltage. (9) The minimum VIH
level for the DATACLK signal is 3V.


Similar Part No. - ADS7807UBE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7807UBE4 BURR-BROWN-ADS7807UBE4 Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7807UBE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_08 Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807 Datasheet
524Kb / 23P
   Low-Power 16-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7811 TI1-ADS7811_15 Datasheet
303Kb / 15P
[Old version datasheet]   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com