Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7329PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7329PBF
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7329PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7329PBF Datasheet HTML 1Page - International Rectifier IRF7329PBF Datasheet HTML 2Page - International Rectifier IRF7329PBF Datasheet HTML 3Page - International Rectifier IRF7329PBF Datasheet HTML 4Page - International Rectifier IRF7329PBF Datasheet HTML 5Page - International Rectifier IRF7329PBF Datasheet HTML 6Page - International Rectifier IRF7329PBF Datasheet HTML 7Page - International Rectifier IRF7329PBF Datasheet HTML 8Page - International Rectifier IRF7329PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7329PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
––– -1.2
V
TJ = 25°C, IS = -2.0A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
50
75
ns
TJ = 25°C, IF = -2.0A
Qrr
Reverse Recovery Charge
–––
48
72
nC
di/dt = -100A/µs
‚
Source-Drain Ratings and Characteristics
––– –––
––– –––
-37
-2.0
A
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-12
––– –––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.007 –––
V/°C Reference to 25°C, ID = -1mA
–––
–––
17
VGS = -4.5V, ID = -9.2A
‚
––– –––
21
VGS = -2.5V, ID = -7.4A
‚
––– –––
30
VGS = -1.8V, ID = -4.6A
‚
VGS(th)
Gate Threshold Voltage
-0.40 ––– -0.90
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
25
––– –––
S
VDS = -10V, ID = -9.2A
–––
––– -1.0
VDS = -9.6V, VGS = 0V
–––
–––
-25
VDS = -9.6V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
–––
––– -100
VGS = -8.0V
Gate-to-Source Reverse Leakage
–––
––– 100
VGS = 8.0V
Qg
Total Gate Charge
–––
38
57
ID = -9.2A
Qgs
Gate-to-Source Charge
–––
6.8
10
nC
VDS = -6.0V
Qgd
Gate-to-Drain ("Miller") Charge
–––
8.1
12
VGS = -4.5V
td(on)
Turn-On Delay Time
–––
10
–––
VDD = -6.0V
tr
Rise Time
–––
8.6
–––
ID = -1.0A
td(off)
Turn-Off Delay Time
–––
340 –––
RD = 6.0Ω
tf
Fall Time
–––
260 –––
VGS = -4.5V
‚
Ciss
Input Capacitance
––– 3450 –––
VGS = 0V
Coss
Output Capacitance
––– 1000 –––
pF
VDS = -10V
Crss
Reverse Transfer Capacitance
–––
640 –––
ƒ = 1.0MHz
IGSS
µA
m
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
ƒ When mounted on 1 inch square copper board.


Similar Part No. - IRF7329PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7329PBF IRF-IRF7329PBF Datasheet
179Kb / 9P
   Trench Technology
IRF7329PBF IRF-IRF7329PBF Datasheet
179Kb / 9P
   Ultra Low On-Resistance
IRF7329PBF IRF-IRF7329PBF_15 Datasheet
179Kb / 9P
   Ultra Low On-Resistance
More results

Similar Description - IRF7329PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com