Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7329PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7329PBF
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7329PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7329PBF Datasheet HTML 1Page - International Rectifier IRF7329PBF Datasheet HTML 2Page - International Rectifier IRF7329PBF Datasheet HTML 3Page - International Rectifier IRF7329PBF Datasheet HTML 4Page - International Rectifier IRF7329PBF Datasheet HTML 5Page - International Rectifier IRF7329PBF Datasheet HTML 6Page - International Rectifier IRF7329PBF Datasheet HTML 7Page - International Rectifier IRF7329PBF Datasheet HTML 8Page - International Rectifier IRF7329PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
-12
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-9.2
ID @ TA= 70°C
Continuous Drain Current, VGS @ -4.5V
-7.4
A
IDM
Pulsed Drain Current

-37
PD @TA = 25°C
Power Dissipation
ƒ
2.0
PD @TA = 70°C
Power Dissipation
ƒ
1.3
Linear Derating Factor
16
mW/°C
VGS
Gate-to-Source Voltage
± 8.0
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
10/7/04
www.irf.com
1
IRF7329PbF
HEXFET® Power MOSFET
PD - 95042
Absolute Maximum Ratings
W
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
ƒ
–––
62.5
°C/W
Thermal Resistance
VDSS
RDS(on) max (mW)
ID
17@VGS = -4.5V
±
9.2A
-12V
21@VGS = -2.5V
±
7.4A
30@VGS = -1.8V
±
4.6A
Description
l
Trench Technology
l
Ultra Low On-Resistance
l
Dual P-Channel MOSFET
l
Low Profile (<1.8mm)
l
Available in Tape & Reel
l
Lead-Free
New P-Channel HEXFET® power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance per
silicon area. This benefit, combined with the ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infrared, or wave soldering technique
s.
SO-8
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7


Similar Part No. - IRF7329PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7329PBF IRF-IRF7329PBF Datasheet
179Kb / 9P
   Trench Technology
IRF7329PBF IRF-IRF7329PBF Datasheet
179Kb / 9P
   Ultra Low On-Resistance
IRF7329PBF IRF-IRF7329PBF_15 Datasheet
179Kb / 9P
   Ultra Low On-Resistance
More results

Similar Description - IRF7329PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com