Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6560HQ Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TB6560HQ
Description  PWM Chopper-Type bipolar Stepping Motor Driver IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6560HQ Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TB6560HQ Datasheet HTML 1Page - Toshiba Semiconductor TB6560HQ Datasheet HTML 2Page - Toshiba Semiconductor TB6560HQ Datasheet HTML 3Page - Toshiba Semiconductor TB6560HQ Datasheet HTML 4Page - Toshiba Semiconductor TB6560HQ Datasheet HTML 5Page - Toshiba Semiconductor TB6560HQ Datasheet HTML 6Page - Toshiba Semiconductor TB6560HQ Datasheet HTML 7Page - Toshiba Semiconductor TB6560HQ Datasheet HTML 8Page - Toshiba Semiconductor TB6560HQ Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TB6560HQ/FG
2006-05-31
5
Electrical Characteristics (Ta = 25°C, VDD = 5 V, VM = 24 V)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
High
VIN (H)
2.0
VDD
Input voltage
Low
VIN (L)
1
−0.2
0.8
V
Input hysteresis voltage
VH
1
M1, M2, CW/CCW, CLK,
RESET ,
ENABLE, DECAY, TQ1, TQ2, ISD
400
mV
IIN (H)
M1, M2, CW/CCW, CLK,
RESET ,
ENABLE, DECAY, TQ1, TQ2, ISD
VIN = 5.0 V
Built-in pull-down resistor
30
55
80
Input current
IIN (L)
1
VIN = 0 V
1
µA
IDD1
Output open,
RESET : H, ENABLE: H
(2, 1-2 phase excitation)
3
5
IDD2
Output open,
RESET : H, ENABLE: H
(W1−2, 2W1-2 phase excitation)
3
5
IDD3
RESET : L, ENABLE: L
2
5
Consumption current VDD pin
IDD4
1
RESET : H, ENABLE: L
2
5
mA
IM1
RESET : H/L, ENABLE: L
0.5
1
Consumption current VM pin
IM2
1
RESET : H/L, ENABLE: H
0.7
2
mA
Output channel margin of error
VO
B/A, COSC = 0.0033 µF
5
5
%
VNFHH
TQ1
= H, TQ2 = H
10
20
30
VNFHL
TQ1
= L, TQ2 = H
47
50
55
VNFLH
TQ1
= H, TQ2 = L
70
75
80
VNF level
Level differential
VNFLL
TQ1
= L, TQ2 = L
100
%
Minimum clock pulse width
tW (CLK)
100
ns
MO output residual voltage
VOL MO
IOL = 1 mA
0.5
V
TSD
TSD
(Design target value)
170
°C
TSD hysteresis
TSDhys
(Design target value)
20
°C
Oscillating frequency
fOSC
C
= 330 pF
60
130
200
kHz


Similar Part No. - TB6560HQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TB6560 ETC-TB6560 Datasheet
553Kb / 6P
   TB6560 3Axis Stepper Motor Driver
logo
Toshiba Semiconductor
TB6560AFG TOSHIBA-TB6560AFG Datasheet
506Kb / 34P
   PWM Chopper-Type Bipolar Driver IC for Stepping Motor Control
TB6560AFTG TOSHIBA-TB6560AFTG Datasheet
475Kb / 33P
   TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2011-05-23
TB6560AHQ TOSHIBA-TB6560AHQ Datasheet
506Kb / 34P
   PWM Chopper-Type Bipolar Driver IC for Stepping Motor Control
More results

Similar Description - TB6560HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6600HG TOSHIBA-TB6600HG Datasheet
1Mb / 35P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
TB6600HQ TOSHIBA-TB6600HQ Datasheet
438Kb / 33P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
2011-06-14
TB6564AHQ TOSHIBA-TB6564AHQ Datasheet
521Kb / 39P
   PWM Chopper-Type bipolar Stepping Motor Driver IC
2011-03-01
TB6504F TOSHIBA-TB6504F Datasheet
729Kb / 20P
   PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
TB6512AF TOSHIBA-TB6512AF Datasheet
642Kb / 18P
   PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
TB6504FG TOSHIBA-TB6504FG Datasheet
639Kb / 23P
   PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
2006-3-6
TA8435H TOSHIBA-TA8435H_06 Datasheet
562Kb / 28P
   PWM CHOPPER-TYPE BIPOLAR STEPPING MOTOR DRIVER.
TA8435H TOSHIBA-TA8435H Datasheet
470Kb / 25P
   PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
TB6560AFG TOSHIBA-TB6560AFG Datasheet
506Kb / 34P
   PWM Chopper-Type Bipolar Driver IC for Stepping Motor Control
TB62209FG TOSHIBA-TB62209FG Datasheet
504Kb / 51P
   Stepping Motor Driver IC Using PWM Chopper Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com