Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TB6560HQ Datasheet(HTML) 28 Page - Toshiba Semiconductor

Part No. TB6560HQ
Description  PWM Chopper-Type bipolar Stepping Motor Driver IC
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TB6560HQ Datasheet(HTML) 28 Page - Toshiba Semiconductor

Back Button TB6560HQ Datasheet HTML 28Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 31 page
background image
TB6560HQ/FG
2006-05-31
28
NFCompA
M
MCU
or
External
input
CLK
RESET
ENABLE
M1
M2
CW/CCW
DCY1
DCY2
TQ1
TQ2
Protect
MO
R1
R2
OSC
100 pF ∼− 400 kHz
SGND
PGND
3.3 V
or
5.0 V
10
µF
5 V
1
µF
VDD
VMA
VMB
1
µF
47
µF
24 V
Logic
Current
Control
H-SW A
H-SW B
OUTAP
OUTAM
OUTBP
OUTBM
RNFA
RNFB
NFA
NFB
NFCompB
0.5
: IOUTmax = 1.0 A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3966_03DUAL FULL-BRIDGE PWM MOTOR DRIVER 1 2 3 4 5 MoreAllegro MicroSystems
A3995DMOS Dual Full Bridge PWM Motor Driver 1 2 3 4 5 MoreAllegro MicroSystems
3974_1DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER 1 2 3 4 5 MoreAllegro MicroSystems
3968_03DUAL FULL-BRIDGE PWM MOTOR DRIVER WITH BRAKE 1 2 3 4 5 MoreAllegro MicroSystems
M63160JSTEPPING MOTOR DRIVER 1 2 3 4 5 MoreRenesas Technology Corp
2916_07DUAL FULL-BRIDGE PWM MOTOR DRIVER 1 2 3 4 5 MoreAllegro MicroSystems
2919_06DUAL FULL-BRIDGE PWM MOTOR DRIVER 1 2 3 4 5 MoreAllegro MicroSystems
A3988Quad DMOS Full Bridge PWM Motor Driver 1 2 3 4 5 MoreAllegro MicroSystems
L6219DUAL FULL-BRIDGE PWM MOTOR DRIVER 1 2 3 4 5 MoreUnisonic Technologies
A3989Bipolar Stepper and High Current DC Motor Driver 1 2 3 4 5 MoreAllegro MicroSystems

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn